Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7576 Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD7576
Description  Green-Mode PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7576 Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD7576 Datasheet HTML 9Page - Leadtrend Technology LD7576 Datasheet HTML 10Page - Leadtrend Technology LD7576 Datasheet HTML 11Page - Leadtrend Technology LD7576 Datasheet HTML 12Page - Leadtrend Technology LD7576 Datasheet HTML 13Page - Leadtrend Technology LD7576 Datasheet HTML 14Page - Leadtrend Technology LD7576 Datasheet HTML 15Page - Leadtrend Technology LD7576 Datasheet HTML 16Page - Leadtrend Technology LD7576 Datasheet HTML 17Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LD7576/76H/76J/76K
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7576-DS-04a
December 2009
VCC
UVLO(on)
UVLO(off)
t
t
COMP
OLP
5.0V
t
OUT
OLP Delay Time
Switching
Switching
Non-Switching
OLP trip Level
2nd UVLO(off)
OLP Counter Reset
Fig. 17
UVLO(on)
UVLO(off)
t
AC input Voltage
t
OUT
Switching
Switching
Non- Switching
t
VCC
t
5.0V
COMP
PDR(8V)
AC Off
AC On( Recycle)
Latch Released
OLP Delay Time
OLP trip Level
Fig. 18
OVP (Over Voltage Protection) on Vcc -
Auto Recovery
The maximum VGS ratings of the power MOSFETs are
mostly for 30V. To prevent the VGS enter fault condition,
LD7576X series is implemented with OVP function on Vcc.
Whenever the Vcc voltage is higher than the OVP
threshold, the output gate drive circuit will be shutdown
simultaneously and the switching of the power MOSFET
is disabled until the next UVLO(on).
The
Vcc
OVP
functions
of
LD7576/76J
are
auto-recoverable.
If the OVP condition, usually caused
by open-loop of feedback, is not released, the Vcc will trip
the OVP level again and re-shutdown the output.
The
Vcc works in hiccup mode as shown in Figure 19.
Otherwise, when the OVP condition is removed, the Vcc
level will be resumed and the output will automatically
return to the normal operation.
OVP (Over Voltage Protection) on Vcc -
Latch mode
Similar with the behavior for OLP latch-mode, whenever
the voltage on the Vcc pin is higher than the OVP
threshold, the output gate drive circuit will be shut down
simultaneously to latch off the switching of the power
MOSFET. As soon as the voltage on Vcc pin drops below
OVP threshold and starts AC-recycling again, it will
recover to normal operation.
Figure 20 shows its operation.
Fig. 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com