Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7576PS Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD7576PS
Description  Green-Mode PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7576PS Datasheet(HTML) 5 Page - Leadtrend Technology

  LD7576PS Datasheet HTML 1Page - Leadtrend Technology LD7576PS Datasheet HTML 2Page - Leadtrend Technology LD7576PS Datasheet HTML 3Page - Leadtrend Technology LD7576PS Datasheet HTML 4Page - Leadtrend Technology LD7576PS Datasheet HTML 5Page - Leadtrend Technology LD7576PS Datasheet HTML 6Page - Leadtrend Technology LD7576PS Datasheet HTML 7Page - Leadtrend Technology LD7576PS Datasheet HTML 8Page - Leadtrend Technology LD7576PS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LD7576/76H/76J/76K
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7576-DS-04a
December 2009
Absolute Maximum Ratings
Supply Voltage VCC
-0.3V~30V
High-Voltage at HV pin
-0.3V~600V
COMP, CT, CS
-0.3V~7V
OUT
-0.3V ~Vcc+0.3V
Maximum Junction Temperature
150
°C
Operating Ambient Temperature Range
-40
°C to 85°C
Operating Junction Temperature Range
-40
°C to 125°C
Storage Temperature Range
-65
°C to 150°C
Package Thermal Resistance (SOP-7, SOP-8)
160
°C/W
Package Thermal Resistance (DIP-8)
100
°C/W
Power Dissipation (SOP-7, SOP-8, at Ambient Temperature = 85
°C)
400mW
Power Dissipation (DIP-8, at Ambient Temperature = 85
°C)
650mW
Lead temperature (Soldering, 10sec)
260
°C
ESD Voltage Protection, Human Body Mode (except HV Pin)
3KV
ESD Voltage Protection, Machine Mode
300V
Gate Output Current
500mA
Caution:
Stresses beyond the ratings specified in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only
rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification
is not implied.
Recommended Operating Conditions
Item
Min.
Max.
Unit
Supply Voltage VCC
11
25
V
VCC Capacitor
10
47
μF
CT Value
0.047
0.1
μF
COMP Pin Capacitor
1
100
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com