Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL4512 Datasheet(PDF) 1 Page - SiPower Inc.

Part # 2CL4512
Description  High Voltage Diodes for Micro-Wave Oven
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPOWER [SiPower Inc.]
Direct Link  http://www.sipower.us/
Logo SIPOWER - SiPower Inc.

2CL4512 Datasheet(HTML) 1 Page - SiPower Inc.

  2CL4512 Datasheet HTML 1Page - SiPower Inc. 2CL4512 Datasheet HTML 2Page - SiPower Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL4509 2CL4512
High Voltage Diodes for Micro-Wave Oven
Features
Outline Dimensions and Mark
IF AV 450mA
Unit
mm
VRRM 9kV ,12kV
High reliability
Applications
Rectification for high voltage power supply
of magnetron in Micro wave oven and others
.
Limiting Values
Absolute Maximum Rating
Item
Symbol Unit
2CL4509
2CL4512
Repetitive Peak Reverse Voltage
VRRM
kV
9
12
Average Forward Current
IF(AV)
mA
450
(50HZHalf-sine wave, Resistance load, Ta
60
)
Forward Surge Current
IFSM
A
30
50HZ Half-sine wave,1cycle,Ta=25
Reverse Surge Current
IRSM
mA
100
(WP=1ms, Rectangular-wave, One-shot, Ta=25
)
Virtual Junction Temperature
T(vj)
130
Storage Temperature
Tstg
-40 ~ +130
Cooling Requirement: Cathode terminal is fastened to radiating fin that size is more than 50mm
50mm
0.6mm Wind-cooled
velocity is more than 0.5m/s
Electrical Characteristics Ta=25
Unless otherwise specified
Item
Symbol
Unit
Test Condition
2CL4509
2CL4512
Peak Forward Voltage
VFM
V
IFM=450mA
9
11
Peak Reverse Current
IRRM1
A
VRM=VRRM
5
Avalanche Breakdown Voltage
V BR
kV
IR=100
A
9.5
12.5
Type
Code
Cathode Mark
2CL4509
T4509
2CL4512
T4512
Code
Lot No.
7.5
0.5
1.2
0.03
22
0.5
22min
22min
Cathode Mark
http://
www.sipower-inc.com
SiPower - The official marketing arm of Zhonghuan Semiconductor
Power Semiconductor Technology


Similar Part No. - 2CL4512

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL4512 GETEDZ-2CL4512 Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
logo
Shanghai Shunye Electro...
2CL4512 SHUNYE-2CL4512 Datasheet
591Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
V2.22
logo
SiPower Inc.
2CL4512H SIPOWER-2CL4512H Datasheet
68Kb / 2P
High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL4512H YFWDIODE-2CL4512H Datasheet
401Kb / 2P
High voltage silicon diodes for micro-wave oven
More results

Similar Description - 2CL4512

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL3509H GETEDZ-2CL3509H Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
2CL3516H GETEDZ-2CL3516H Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
2CL4509 GETEDZ-2CL4509 Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
2CL4516 GETEDZ-2CL4516 Datasheet
507Kb / 2P
High Voltage Silicon Diodes for Micro-wave oven
logo
DONGGUAN YOU FENG WEI E...
2CL3510 YFWDIODE-2CL3510 Datasheet
377Kb / 2P
High voltage silicon diodes for micro-wave oven
2CL3512H YFWDIODE-2CL3512H Datasheet
401Kb / 2P
High voltage silicon diodes for micro-wave oven
2CL4509 YFWDIODE-2CL4509 Datasheet
401Kb / 2P
High voltage silicon diodes for micro-wave oven
2CL4510 YFWDIODE-2CL4510 Datasheet
400Kb / 2P
High voltage silicon diodes for micro-wave oven
MTH-08 YFWDIODE-MTH-08 Datasheet
402Kb / 2P
High voltage silicon diodes for micro-wave oven
MTH-20 YFWDIODE-MTH-20 Datasheet
402Kb / 2P
High voltage silicon diodes for micro-wave oven
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com