Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB256M8FN-DI Datasheet(PDF) 4 Page - Nanya Technology Corporation.

Part # NT5CB256M8FN-DI
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB256M8FN-DI Datasheet(HTML) 4 Page - Nanya Technology Corporation.

  NT5CB256M8FN-DI Datasheet HTML 1Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 2Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 3Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 4Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 5Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 6Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 7Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 8Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 9Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 163 page
background image
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8FN / NT5CB(C)128M16FP
Version 1.7
4
Nanya Technology Cooperation ©
04/2015
All Rights Reserved.
Ordering Information
Organization
Part Number
Package
Speed
3
Clock (MHz)
Data Rate (Mb/s) CL-TRCD-TRP
DDR3 Commercial Grade
256M x 8
NT5CB256M8FN-DI
78-Ball
800
DDR3-1600
11-11-11
NT5CB256M8FN-EJ
933
DDR3-1866
12-12-12
NT5CB256M8FN-EK1
933
DDR3-1866
13-13-13
NT5CB256M8FN-FL
1066
DDR3-2133
14-14-14
128M x 16
NT5CB128M16FP-DI
96-Ball
800
DDR3-1600
11-11-11
NT5CB128M16FP-EJ
933
DDR3-1866
12-12-12
NT5CB128M16FP-EK1
933
DDR3-1866
13-13-13
NT5CB128M16FP-FL
1066
DDR3-2133
14-14-14
DDR3L Commercial Grade
Organization
Part Number
Package
Speed
3
Clock (MHz)
Data Rate (Mb/s) CL-TRCD-TRP
256M x 8
NT5CC256M8FN-DI
78-Ball
800
DDR3L-1600 4
11-11-11
NT5CC256M8FN-DIB
800
DDR3L RS-1600
11-11-11
NT5CC256M8FN-EK
933
DDR3L-1866 4
13-13-13
128M x 16
NT5CC128M16FP-DI
96-Ball
800
DDR3L-1600 4
11-11-11
NT5CC128M16FP-DIB
800
DDR3L RS-1600
11-11-11
NT5CC128M16FP-EK
933
DDR3L-1866 4
13-13-13
DDR3 Industrial Grade
Organization
Part Number
Package
Speed
3
Clock (MHz)
Data Rate (Mb/s) CL-TRCD-TRP
256M x 8
NT5CC256M8FN-DII
78-Ball
800
DDR3L-1600 4
11-11-11
NT5CB256M8FN-DII
800
DDR3-1600
11-11-11
128M x 16
NT5CC128M16FP-DII
96-Ball
800
DDR3L-1600 4
11-11-11
NT5CB128M16FP-DII
800
DDR3-1600
11-11-11
DDR3(L) Automotive Grade
2
128M x 16
NT5CB128M16FP-DIA
96-Ball
800
DDR3-1600
11-11-11
NT5CB128M16FP-DIH
800
DDR3-1600
11-11-11
NT5CC128M16FP-DIA
800
DDR3L-1600 4
11-11-11
NT5CC128M16FP-DIH
800
DDR3L-1600 4
11-11-11
NOTE 1 Mainstream Product.
NOTE 2 Please confirm with NTC for the available schedule.
NOTE 3 The timing specification of high speed bin is backward compatible with low speed bin.
NOTE 4 1.35V DDR3L are backward compatible to 1.5V DDR3 parts. 1.35V DDR3L-RS parts are exceptional
and unallowable to be compatible to 1.35V DDR3L and 1.5V DDR3 parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com