Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4580 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 4580
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4580 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  4580 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4580 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4580 Datasheet HTML 3Page - List of Unclassifed Manufacturers 4580 Datasheet HTML 4Page - List of Unclassifed Manufacturers 4580 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SUM
JRC4580
SUM
3/5
ELE CT RI CAL CH ARACT E RISTICS
(Unless ot herwise spe c ified: Ta = 2 5
°C, V+/V-=±15V)
Parameter
Sym bol
Test co nd it ion
Min
Ty p
Max
Unit
Input Offset Vo ltag e
V IO
Rs
≤ 10kΩ
0.5
3
m V
Input Offset Current
I IO
5
200
nA
Input Bias Current
I B
100
500
nA
Larg e Signal Vo lta ge Gain
Av
R L
≥ 2kΩ
,Vo=±10V
90
11 0
dB
Output Vo lt age Swing
V OM
R L
≥ 2kΩ
±12
±13.5
V
Input Common Mode Voltage
Range
V IC M
±12
±13.5
V
Co mmon
Mode
R ej ectio n
Ratio
CMR
Rs
≤ 10kΩ
80
11 0
dB
Supply
Vo ltage
Rej e ctio n
Ratio
SVR
Rs
≤ 10kΩ
80
11 0
dB
Operating Current
Icc
6
9
mA
Slew Rate
SR
R L
≥ 2kΩ
5
V/
µA
Gain Ba nd width Prod uct
GB
f=10kHz
15
MHz
To tal Harm onic Distortion
THD
Av=20d B
, Vo=5V,
f=1kHz
, RL =2kΩ
0.00 05
%
Input No ise Vo ltage
V NI
RIAA
Rs=2.2k
Ω
,
30kHzLPF
0.8
µVrms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com