Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K-LC2 Datasheet(PDF) 1 Page - RFbeam Microwave GmbH

Part # K-LC2
Description  RADAR TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LC2 Datasheet(HTML) 1 Page - RFbeam Microwave GmbH

  K-LC2 Datasheet HTML 1Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 2Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 3Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 4Page - RFbeam Microwave GmbH K-LC2 Datasheet HTML 5Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
K-LC5_V3 RADAR TRANSCEIVER
Datasheet
Features
3.3V Version of K-LC5
24 GHz short range transceiver
Beam aperture 80°/34°
Pin-compatible with K-LC2
150 MHz typical sweep rate
High sensitive LNA receiver
More than double K-LC2 sensitivity
I/Q IF outputs
Low cost design
Compact size: 25mm x 25mm x 6mm
Applications
Security systems
Directional object speed measurement systems
Directional movement detectors
Ranging of moving objects
Industrial sensors
Description
K-LC5_V3 is an extended range dual channel
Doppler Radar module with an asymmetrical
beam for short distance sensors. It is ideally
suited for person movement sensors.
Dual IF I and Q allow movement direction
detection
and
high
performance
signal
processing. FM input allows FSK ranging
applications.
An extremely slim construction with only 6mm
depth gives you maximum flexibility in your
equipment design.
Powerful starterkits with signal conditioning
and visualization are also available. (see
www.rfbeam.ch Download Section)
Blockdiagram
Fig. 1: K-LC5_V3 Blockdiagram
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 1/5
Tx
Rx
I
Q
LNA
VCO 24 GHz
FM Input


Similar Part No. - K-LC2

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
K-LC2 RFBEAM-K-LC2 Datasheet
592Kb / 5P
RADAR TRANSCEIVER
K-LC2 RFBEAM-K-LC2 Datasheet
653Kb / 2P
Radar Evaluation Kit
More results

Similar Description - K-LC2

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
K-HC1 RFBEAM-K-HC1 Datasheet
997Kb / 8P
RADAR TRANSCEIVER
K-LC1A RFBEAM-K-LC1A Datasheet
444Kb / 6P
RADAR TRANSCEIVER
K-LC6 RFBEAM-K-LC6 Datasheet
335Kb / 6P
RADAR TRANSCEIVER
K-LD2 RFBEAM-K-LD2 Datasheet
1Mb / 20P
radar transceiver
K-LD2-EVAL RFBEAM-K-LD2-EVAL Datasheet
1Mb / 13P
radar transceiver
K-MC3 RFBEAM-K-MC3 Datasheet
1Mb / 8P
RADAR TRANSCEIVER
K-LC4 RFBEAM-K-LC4 Datasheet
385Kb / 4P
radar transceiver
K-LC3_V2 RFBEAM-K-LC3_V2 Datasheet
440Kb / 4P
RADAR TRANSCEIVER
K-LC3 RFBEAM-K-LC3 Datasheet
440Kb / 4P
RADAR TRANSCEIVER
K-LC2 RFBEAM-K-LC2 Datasheet
592Kb / 5P
RADAR TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com