Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K-MC1_LP Datasheet(PDF) 2 Page - RFbeam Microwave GmbH

Part # K-MC1_LP
Description  RADAR TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MC1_LP Datasheet(HTML) 2 Page - RFbeam Microwave GmbH

  K-MC1_LP Datasheet HTML 1Page - RFbeam Microwave GmbH K-MC1_LP Datasheet HTML 2Page - RFbeam Microwave GmbH K-MC1_LP Datasheet HTML 3Page - RFbeam Microwave GmbH K-MC1_LP Datasheet HTML 4Page - RFbeam Microwave GmbH K-MC1_LP Datasheet HTML 5Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
K-MC1_LP RADAR TRANSCEIVER
Datasheet
Characteristics
Parameter
Conditions / Notes
Symbol
Min
Typ
Max
Unit
Operating conditions
Supply voltage
Vcc
3.15
6.0
V
Supply current
Module enabled (Pin 1 = VIL)
Icc
7.5
9
mA
Operating temperature
Top
-20
+80
°C
Storage temperature
Tst
-20
+80
°C
Transmitter
Transmitter frequency
UVCO= 5V, Tamb=-20°C .. +60°C
fTX
24.050
24.150
24.250
GHz
Frequency drift vs temp.
Vcc=5.0V, -20°C .. +60°C Note 1
 fTX
-1.0
MHz/°C
Output power
EIRP peak power
PTX
+16
+18
+20
dBm
Transmitter duty cycle
internally generated
d
1
%
Spurious emission
According to ETSI 300 440
Pspur
-30
dBm
Receiver
Antenna gain
FTX=24.125GHz Note 2
GAnt
18.5
dBi
LNA gain
FRX=24.125GHz
GLNA
10
dB
Mixer Conversion loss
fIF =500Hz
Dmixer
-1
dB
Receiver sensitivity
fIF =500Hz, B=1kHz, S/N=6dB
PRX
-122
dBm
Overall sensitivity
fIF =500Hz, B=1kHz, S/N=6dB
Dsystem
-140
dBc
IF output
IF output impedance
RIF_AC
100
IF Amplifier gain
GIF_AC
47
dB
I/Q amplitude balance
fIF =500Hz, UIF=100mVpp
UIF
3
dB
I/Q phase shift
fIF =500Hz, UIF=100mVpp
80
90
100
°
IF frequency range
-3dB Bandwidth
fIF_AC
40
15k
Hz
Spurious signals
Internal regulator @ 100kHz
Vsp
0.3
mVrms
IF noise voltage
fIF =1kHz
UIFnoise
35
V/Hz
fIF =1kHz
UIFnoise
-89
dBV/Hz
IF output offset voltage
Vcc = 5V, _AC outputs
Uos_AC
1.0
1.5
2.0
V
Supply rejection
Rejection supply pins to _AC outputs, 500Hz
Dsupply
-24
dB
Antenna
Horizontal -3dB beamwidth
E-Plane
W
12
°
Vertical -3dB beamwidth
H-Plane
W
25
°
Horiz. sidelobe suppression
D
-20
dB
Vert. sidelobe suppression
D
-18
dB
Body
Outline Dimensions
connector left unconnected
65*65*6
mm3
Weight
50
g
Connector
Module side: AMP X-338069-8
8
pins
Note 1
Transmit frequency stays within 24.050 to 24.250GHz over the specified temperature range
Note 2
Theoretical value, given by Design
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com