Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF98 Datasheet(PDF) 19 Page - HOPE Microelectronics CO., Ltd.

Part # RF98
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF98 Datasheet(HTML) 19 Page - HOPE Microelectronics CO., Ltd.

Back Button RF98 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 22Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 23Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 121 page
background image
Page 19
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
2.4.6. Digital Specification
Conditions: Temp = 25° C, VDD = 3.3 V, FXOSC = 32 MHz, unless otherwise specified.
Table 57 Digital Specification
Symbol
Description
Conditions
Min
Typ
Max
Unit
VIH
Digital input level high
0.8
-
-
VDD
VIL
Digital input level low
-
-
0.2
VDD
VOH
Digital output level high
Imax = 1 mA
0.9
-
-
VDD
VOL
Digital output level low
Imax = -1 mA
-
-
0.1
VDD
FSCK
SCK frequency
-
-
10
MHz
tch
SCK high time
50
-
-
ns
tcl
SCK low time
50
-
-
ns
trise
SCK rise time
-
5
-
ns
tfall
SCK fall time
-
5
-
ns
tsetup
MOSI setup time
From MOSI change to SCK rising
edge.
30
-
-
ns
thold
MOSI hold time
From SCK rising edge to MOSI
change.
20
-
-
ns
tnsetup
NSS setup time
From NSS falling edge to SCK rising
edge.
30
-
-
ns
tnhold
NSS hold time
From SCK falling edge to NSS rising
edge, normal mode.
100
-
-
ns
tnhigh
NSS high time between SPI
accesses
20
-
-
ns
T_DATA
DATA hold and setup time
250
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com