Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8820P Datasheet(PDF) 13 Page - Fortune Semiconductor Corp.

Part # FS8820P
Description  One Cell Lithium-ion/Polymer Battery Protection IC With Built-in MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8820P Datasheet(HTML) 13 Page - Fortune Semiconductor Corp.

Back Button FS8820P Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 11Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 12Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 13Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
FS8820P
15. Package Outline
TSSOP-8
16. Revision History
Version
Date
Page
Description
1.0
2010/12/23
All
New release
1.1
2011/01/17
2.13
Add DFN-5 Package
1.2
2011/03/02
4,8,11
Add Typical Operating characteristics
Revise VOI1 150±15mV
1.3
2011/03/08
8
Revise VST 0.95V±30mV
1.4
2011/03/17
5
Revise DFN-5 Pin1:NC
1.5
2011/04/06
8
Revise BVDSS:20V
1.6
2011/05/20
4, 6
Revise Typical Application Circuit information
Delete Package DFN-5
1.7
2011/06/09
7
Revise RDS(ON)
VGS:3.7V MAX:49mΩ
VGS:2.7V MAX:70mΩ
1.8
2014/01/09
4
Revise VOI1 Specified Unit
Rev. 1.8
13/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com