Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8601HA Datasheet(PDF) 7 Page - Fortune Semiconductor Corp.

Part # FS8601HA
Description  One Cell Lithium-ion/Polymer Battery Protection IC With Built-in MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8601HA Datasheet(HTML) 7 Page - Fortune Semiconductor Corp.

Back Button FS8601HA Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8601HA Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8601HA Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8601HA Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8601HA Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8601HA Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8601HA Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8601HA Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8601HA Datasheet HTML 11Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
FS8601Hx
10. Electrical Characteristics
FS8601HA(VSS=0V, Ta=25°C unless otherwise specified)
PARAMETER
CONDITIONS
SYMBOL
Min
Typ
Max
UNIT
Supply Current
VDD=3.9V
IDD
2.5
5.2
μA
Power-Down Current
VDD=2.0V
IPD
0.05
1.0
μA
Overcharge detection voltage
VOCU
4.285
4.310
4.335
V
Overcharge release voltage
VOCR
4.060
4.110
4.160
V
Overdischarge detection voltage
VODL
2.223
2.300
2.377
V
Overdischarge release voltage
VODR
2.223
2.300
2.377
V
Over current detection voltage
VOI1
0.120
0.130
0.140
V
Short circuit detection voltage
VDD=3.6V
VOI2
0.80
0.90
1.00
V
Charger over current detection voltage
VDD=3.6V
VCH
-0.11
-0.09
-0.07
V
Faulty charger detect voltage
Vdet
5.5
8.0
10.5
V
Faulty charger recovery voltage
Vrec
5.3
7.3
9.3
V
0V charging prohibit
VST
0
0
0
V
Overcharge detection delay time
VDD=4.0V to 4.4V
TOC
4
6.25
8.5
s
Overdischarge detection delay time VDD=3.0V to 2.0V
TOD
65
100
135
ms
Over current detection delay time VDD=3.6V
TOI1
7.365
11.0
14.25
ms
Short circuit detection delay time
VDD=3.6V
TOI2
0.45
0.750
1.4
ms
Charger over current delay time
VDD=3.6V
Tdet
16.25
32.5
48.75
ms
Overcharge timer reset delay time
Td1
5.0
16
50.0
ms
Charge release delay time
Td2
5.0
16
50.0
ms
Charge connection detection delay
Tdr1
0.3
1
3.0
ms
N-MOSFET have low turn-on resistance
Drain-Source Breakdown Voltage
(BATT- to D12 / D12 to GND)
VGS=0V,ID=1mA
BVDSS
30
V
Breakdown Voltage Temperature
Coefficient
Reference to 25 ,
℃
ID=1mA
ΔBVDSS/ΔTj
0.1
V/℃
Static Source-Source On-Resistance
(BATT- to GND)
VGS=4.5V,ID=1A
RSS(ON)
27
36
45
mΩ
VGS=3.5V,ID=1A
30
39
48
mΩ
VGS=2.5V,ID=1A
33
48
65
mΩ
Drain-Source Leakage Current)
(BATT- to D12 / D12 to GND)
VDS=20V,VGS=0V
IDSS
(Tj=25℃)
1
uA
Rev. 1.3
7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com