Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1084 Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS1084
Description  5.0A Adjustable & Fixed Voltage LDO Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS1084 Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS1084 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS1084 Datasheet HTML 9Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FS1084
Rev. 1.0
4/9
6.
Package Marking Information
7.
Pin Description
Part NO.
Symbol
Description
FS1084-xxGJ
GND/ADJ
Ground pin or adjust terminal pin.
IN
Regulator input pin.
OUT
Regulator output pin.
EX:FS1084-33GK
xxxx:Date Code
EX:FS1084-GK(ADJ type)
xxxx:Date Code
FS1084
33GKxxxx
FS8860
GKxxxx



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com