Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2425 Datasheet(PDF) 2 Page - Yantel Corporation

Part # 2425
Description  Variable RF Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANTEL [Yantel Corporation]
Direct Link  http://en.yantel-corp.com/index_index.html
Logo YANTEL - Yantel Corporation

2425 Datasheet(HTML) 2 Page - Yantel Corporation

  2425 Datasheet HTML 1Page - Yantel Corporation 2425 Datasheet HTML 2Page - Yantel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Yantel Corporation
Add:2F, Building 2, Gaofa Technology Park, LongJing, Nanshan Area, Shenzhen, China
Tel:86-755-8355-1886
Fax:86-755-8355-2533
For detailed performance specs & shopping online see Yantel web site : www.yantel-corp.com
2 / 2
2425
Variable RF Inductor
Patent pending
3
Package Outlines
All dimensions shown in mm unless stated otherwise
Recommended Layout
All dimensions shown in mm unless stated otherwise
Inductance VS The height of the core rotation
Tape and Reel Drawing
Notes
1.
H represents the height of Al core rotation, H
max=3mm.
2.
Inductance changes around the intermediate
value.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com