Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1102DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1102DBVR
Description  5-V, low-leakage-current, 1:1 (SPST) precision switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1102DBVR Datasheet(HTML) 1 Page - Texas Instruments

  TMUX1102DBVR Datasheet HTML 1Page - Texas Instruments TMUX1102DBVR Datasheet HTML 2Page - Texas Instruments TMUX1102DBVR Datasheet HTML 3Page - Texas Instruments TMUX1102DBVR Datasheet HTML 4Page - Texas Instruments TMUX1102DBVR Datasheet HTML 5Page - Texas Instruments TMUX1102DBVR Datasheet HTML 6Page - Texas Instruments TMUX1102DBVR Datasheet HTML 7Page - Texas Instruments TMUX1102DBVR Datasheet HTML 8Page - Texas Instruments TMUX1102DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TMUX1101
SEL
S
D
TMUX1102
SEL
S
ALL SWITCHES SHOWN FOR A LOGIC 1 INPUT
D
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TMUX1101, TMUX1102
SCDS410 – MARCH 2019
TMUX110x 5-V, low-leakage-current, 1:1 (SPST) precision switches
1
1 Features
1
•
Wide supply range: 1.08 V to 5.5 V
•
Low leakage current: 5 pA
•
Low charge injection: 1.5 pC
•
Low on-resistance: 2 Ω
•
–40°C to +125°C operating temperature
•
1.8 V Logic compatible
•
Fail-safe logic
•
Rail to rail operation
•
Bidirectional signal path
•
Break-before-make switching
•
ESD protection HBM: 2000 V
2 Applications
•
Ultrasound scanners
•
Patient monitoring & diagnostics
•
Blood glucose monitors
•
Optical networking
•
Optical test equipment
•
Remote radio units
•
Wired networking
•
Data acquisition systems
•
ATE test equipment
•
Factory automation and industrial controls
•
Programmable logic controllers (PLC)
•
Analog input modules
•
SONAR receivers
•
Battery monitoring systems
3 Description
The
TMUX1101
and
TMUX1102
are
precision
complementary metal-oxide semiconductor (CMOS)
single-pole / single-throw (SPST) switches. Wide
operating supply of 1.08 V to 5.5 V allows for use in a
broad array of applications from medical equipment to
industrial systems. The devices supports bidirectional
analog and digital signals on the source (S) and drain
(D) pins ranging from GND to VDD.
The switch of the TMUX1101 is turned on with a
Logic 1 on the select pin, while a Logic 0 is required
to turn on switch in the TMUX1102.
The TMUX110x devices are part of the precision
switches and multiplexers family. These devices have
very low on and off leakage currents and low charge
injection, allowing them to be used in high precision
measurement applications. A low supply current of 3
nA and small package options enable use in portable
applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX1101
TMUX1102(2)
SC70 (5) (DCK)
2.00 mm × 1.25 mm
SOT-23 (5) (DBV)
2.90 mm x 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Product Preview
TMUX110x Block Diagrams


Similar Part No. - TMUX1102DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1102DBVR TI2-TMUX1102DBVR Datasheet
1Mb / 38P
TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
REVISED FEBRUARY 2024
TMUX1102DBVR.A TI2-TMUX1102DBVR.A Datasheet
1Mb / 38P
TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
REVISED FEBRUARY 2024
More results

Similar Description - TMUX1102DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6111 TI1-TMUX6111 Datasheet
380Kb / 26P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
TMUX1104 TI1-TMUX1104 Datasheet
587Kb / 26P
5-V, Low-Leakage-Current, 4:1 Precision Multiplexer
TMUX1109 TI1-TMUX1109 Datasheet
1Mb / 39P
5 V, (-)2.5 V, Low-Leakage-Current, 4:1, 2-Channel Precision Multiplexer
TMUX1119 TI1-TMUX1119 Datasheet
664Kb / 32P
5-V, Low-Leakage-Current, 2:1 Precision Multiplexer
TMUX6121 TI1-TMUX6121 Datasheet
1Mb / 32P
(-)16.5-V, Low-Capacitance, Low-Leakage-Current, Precision, Dual SPST Switches
TMUX1111 TI1-TMUX1111 Datasheet
534Kb / 31P
5-V, low-leakage-current, 1:1 (SPST), 4-channel precision switches
TMUX1104 TI1-TMUX1104_19 Datasheet
1Mb / 35P
5-V, Low-Leakage-Current, 4:1 Precision Multiplexer
TMUX1136 TI1-TMUX1136 Datasheet
628Kb / 32P
5-V Low-Leakage-Current, 2:1, 2-Channel Precision Analog Switch
TMUX1133 TI1-TMUX1133 Datasheet
769Kb / 39P
5-V, Low-Leakage-Current, 2:1 (SPDT), 3 or 4-Channel Precision Switches
TMUX1121 TI1-TMUX1121 Datasheet
630Kb / 35P
5-V, Low-Leakage-Current, 1:1 (SPST), 2-Channel Precision Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com