Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES7243 Datasheet(PDF) 7 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7243
Description  High Performance Stereo Audio ADC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7243 Datasheet(HTML) 7 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES7243 Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES7243 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES7243 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES7243 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES7243 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES7243 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES7243 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. ES7243 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. ES7243 Datasheet HTML 11Page - Suzhou Everest Semiconductor Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Everest Semiconductor
Confidential
ES7243
Revision 10.0
7
March 2019
Latest datasheet: www.everest-semi.com or info@everest-semi.com
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
TYP
MAX
UNIT
VDDA
3.0
3.3
3.6
V
VDDD
3.0
3.3
3.6
V
VDDP
1.6
3.3
3.6
V
Note 1: VDDA and VDDD minimum 2V when Fs=16 KHz.
ADC ANALOG AND FILTER CHARACTERISTICS AND SPECIFICATIONS
Test conditions are as the following unless otherwise specify: VDDA=3.3V, VDDD=3.3V,
AGND=0V, DGND=0V, Ambient temperature=25°C, Fs=48 KHz, 96 KHz or 192 KHz,
MCLK/LRCK=256.
PARAMETER
MIN
TYP
MAX
UNIT
ADC Performance
Signal to Noise ratio (A-weigh)
95
102
104
dB
THD+N
-98
-95
-90
dB
Channel Separation (1KHz)
95
100
105
dB
Interchannel Gain Mismatch
0.1
dB
Gain Error
±5
%
Filter Frequency Response – Single Speed
Passband
0
0.4535
Fs
Stopband
0.5465
Fs
Passband Ripple
±0.05
dB
Stopband Attenuation
70
dB
Filter Frequency Response – Double Speed
Passband
0
0.4167
Fs
Stopband
0.5833
Fs
Passband Ripple
±0.005
dB
Stopband Attenuation
70
dB
Filter Frequency Response – Quad Speed
Passband
0
0.2083
Fs
Stopband
0.7917
Fs
Passband Ripple
±0.005
dB
Stopband Attenuation
70
dB
Analog Input
Full Scale Input Level
AVDD/3.3
Vrms
Input Impedance
8 (0 dB PGA)
6 (27 dB PGA)
KΩ
DC CHARACTERISTICS
PARAMETER
MIN
TYP
MAX
UNIT
Normal Operation Mode
VDDD=3.3V, VDDP=3.3V, VDDA=3.3V
14
mA
Power Down Mode
VDDD=3.3V, VDDP=3.3V, VDDA=3.3V
19
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com