Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD115MA Datasheet(PDF) 9 Page - Feeling Technology Corp.

Part # FD115MA
Description  Smart motor driver with embedded Hall sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD115MA Datasheet(HTML) 9 Page - Feeling Technology Corp.

Back Button FD115MA Datasheet HTML 4Page - Feeling Technology Corp. FD115MA Datasheet HTML 5Page - Feeling Technology Corp. FD115MA Datasheet HTML 6Page - Feeling Technology Corp. FD115MA Datasheet HTML 7Page - Feeling Technology Corp. FD115MA Datasheet HTML 8Page - Feeling Technology Corp. FD115MA Datasheet HTML 9Page - Feeling Technology Corp. FD115MA Datasheet HTML 10Page - Feeling Technology Corp. FD115MA Datasheet HTML 11Page - Feeling Technology Corp. FD115MA Datasheet HTML 12Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
FD115MH
FD115MA
Rev1.3 Feb. 9, 2009
P.9
FEELING
TECHNOLOGY
Package Dimension (Unit: mm)
SIP-5L(Halogen Free)
2-3
de
g.
2-5
de
g.
4.2±0.1
0. 38±0. 025
0.95±0. 025
0.38±0.025
0.38±0.02
1.55±0.25
0.73±0.03
5.23±0.12
1.95±0.1m
1.1±0.1mm
Sensor location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com