Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C02 Datasheet(PDF) 13 Page - Hotchip Technology Co.,Ltd

Part # AT24C02
Description  Single supply with operation down to 1.8v
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

AT24C02 Datasheet(HTML) 13 Page - Hotchip Technology Co.,Ltd

Back Button AT24C02 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd AT24C02 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd AT24C02 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd AT24C02 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd AT24C02 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd AT24C02 Datasheet HTML 10Page - Hotchip Technology Co.,Ltd AT24C02 Datasheet HTML 11Page - Hotchip Technology Co.,Ltd AT24C02 Datasheet HTML 12Page - Hotchip Technology Co.,Ltd AT24C02 Datasheet HTML 13Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
SERIAL 2K(256×8)EEPROM
 
 
第 13 页  共 13 页 
AT24C02(C)
TSSOP8 PACKAGE
Units
INCHES^
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
MIN
NOM
MAX
Number of Pins
n
8
8
Pitch
P
0.026
0.65
Overall Height
A
0.043
1.10
Molded Package Thickness
A2
0.033
0.035
0.037
0.85
0.90
0.95
Standoff §
A1
0.002
0.004
0.006
0.05
0.10
0.15
Overall Width
E
0.246
0.251
0.256
6.25
6.38
6.50
Molded Package Width
E1
0.169
0.173
0.177
4.30
4.40
4.50
Molded Package Length
D
0.114
0.118
0.122
2.90
3.00
3.10
Foot Length
L
0.020
0.024
0.028
0.50
0.60
0.70
Foot Angle
Ø
0
4
8
0
4
8
Lead Thickness
C
0.004
0.006
0.008
0.009
0.15
0.20
Lead Width
B
0.007
0.010
0.012
0.19
0.25
0.30
Mold Draft Angle Top
a
0
5
10
0
5
10
Mold Draft Angle Bottom
ß
0
5
10
0
5
10
Controlling Parameter
§Significant Characteristic
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall
not exceed.005”(0.127mm) per side. JEDEC Equivalent:MO-153Drawing No. C04-086



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com