Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DW01 Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # DW01
Description  TestIfIcatIon of 2 V V, over release of 3.0 v ad
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

DW01 Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  DW01 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd DW01 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd DW01 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd DW01 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd DW01 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DW01(A)
单节锂离子/聚合物电池保护 IC
第 2 页 共 5 页 
内部框图
极限参数
参数
符号
参数范围
单位
电源电压
VDD
VSS-0.3~VSS+10
V
OC 输出管脚电压
VOC
VDD-15~VDD+0.3
V
OD 输出管脚电压
VOD
VSS-0.3~VDD+0.3
V
CSI 输入管脚电压
VCSI
VDD+15~VDD+0.3
V
工作温度
Topr
-40~+85
℃
存储温度
Tstg
-40~+125
℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com