Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD170H Datasheet(PDF) 2 Page - Feeling Technology Corp.

Part # FD170H
Description  Complementary output driver with Hall sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD170H Datasheet(HTML) 2 Page - Feeling Technology Corp.

  FD170H Datasheet HTML 1Page - Feeling Technology Corp. FD170H Datasheet HTML 2Page - Feeling Technology Corp. FD170H Datasheet HTML 3Page - Feeling Technology Corp. FD170H Datasheet HTML 4Page - Feeling Technology Corp. FD170H Datasheet HTML 5Page - Feeling Technology Corp. FD170H Datasheet HTML 6Page - Feeling Technology Corp. FD170H Datasheet HTML 7Page - Feeling Technology Corp. FD170H Datasheet HTML 8Page - Feeling Technology Corp. FD170H Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FD170H
Rev1.0 May. 08, 2009
P.2
FEELING
TECHNOLOGY
Pin Connection
Marking Distinguish
Figure.2
Figure.3
Pin Descriptions
Legend: I=input, O=output, I/O=input/output, P=power supply, G=ground
Functional Descriptions
Refer to the block diagram (Figure.1), FD170H is composed of the following building blocks:
Bias generator
The bias generator provides precise, temperature- and process-insensitive bias references for the analog blocks.
These references guarantee proper operation of the IC under all conditions specified in this specification.
Timers
The timers provide the lock shutdown and re-start time and propagation delay time counting.
Output drivers
The output drivers include totem-pole MOS transistors and output voltage clamping functions.
Chopper Amplifier
To achieve a higher magnetic sensitivity the chopper amplifier structure is adopted in this design. Use of this
structure dynamically removes both the offset and flicker noise at the same time.
Digital Control Logic
Hall sensor part – generates magnetic pole signals from the Hall-effect sensor.
Driver part – generates switching signals to the output drivers.
Detector part – detects the output transient status.
Name
I/O
FD170H
Description
VDD
P
1
Positive Power Supply
NO
O
2
Driver Output 1
SO
O
3
Driver Output 2
VSS
G
4
Ground
170
1
2
3
4
YMV-XX
Lot Number
170
YMV- XX
Mass Production Version
Half month (ex :A,B ~ X)
Year (ex:2008
8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com