Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830LSP-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # VND830LSP-E
Description  DOUBLE CHANNEL HIGH SIDE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830LSP-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VND830LSP-E Datasheet HTML 9Page - STMicroelectronics VND830LSP-E Datasheet HTML 10Page - STMicroelectronics VND830LSP-E Datasheet HTML 11Page - STMicroelectronics VND830LSP-E Datasheet HTML 12Page - STMicroelectronics VND830LSP-E Datasheet HTML 13Page - STMicroelectronics VND830LSP-E Datasheet HTML 14Page - STMicroelectronics VND830LSP-E Datasheet HTML 15Page - STMicroelectronics VND830LSP-E Datasheet HTML 16Page - STMicroelectronics VND830LSP-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13/20
VND830LSP-E
Figure 22. Input Hysteresis Voltage
Figure 23. Turn-on Voltage Slope
Figure 24. ILIM Vs Tcase
Figure 25. Overvoltage Shutdown
Figure 26. Turn-off Voltage Slope
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
Vihyst (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
100
200
300
400
500
600
700
800
dVout/dt(on) (V/ms)
Vcc=13V
Rl=6.5Ohm
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
10
12.5
15
17.5
20
22.5
25
27.5
30
32.5
35
Ilim (A)
Vcc=13V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
30
32.5
35
37.5
40
42.5
45
47.5
50
Vov
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
100
200
300
400
500
600
700
800
dVout/dt(off) (V/ms)
Vcc=13V
Rl=6.5Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com