Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2269 Datasheet(PDF) 9 Page - Hotchip Technology Co.,Ltd

Part # HT2269
Description  Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2269 Datasheet(HTML) 9 Page - Hotchip Technology Co.,Ltd

Back Button HT2269 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2269 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT2269 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT2269 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT2269 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd HT2269 Datasheet HTML 10Page - Hotchip Technology Co.,Ltd HT2269 Datasheet HTML 11Page - Hotchip Technology Co.,Ltd HT2269 Datasheet HTML 12Page - Hotchip Technology Co.,Ltd HT2269 Datasheet HTML 13Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HT2269
9/13
Current Mode PWM Controller
www.hotchip.com.cn
Ver1.0
power dissipation in a switching mode power
supply is from switching loss on the MOSFET
transistor, the core loss of the transformer and the
loss on the snubber circuit. The magnitude of
power loss is in proportion to the number of
switching events within a fixed period of time.
Reducing switching events leads to the reduction
on the power loss and thus conserves the energy.
HT2269 self adjusts the switching mode
according to the loading condition. At from no load
to light/medium load condition, the FB input drops
below burst mode threshold level (1.8V). Device
enters Burst Mode control. The Gate drive output
switches only when VDD voltage drops below a
preset level and FB input is active to output an on
state. Otherwise the gate drive remains at off
stateto minimize the switching loss thus reduce
thestandby power consumption to the greatest
extend.
The nature of high frequency switching also
reduces the audio noise at any loading conditions.
Oscillator Operation
A resistor connected between RI and GND sets
the constant current source to charge/discharge
the internal cap and thus the PWM oscillator
frequency is determined.
The relationship between RI and switching
frequency follows the below equation within the
specified RI in Kohm range at nominal loading
operational condition.
Focs =
1560
RI(Kohm)
(Khz)
Current Sensing and Leading Edge
Blanking
Cycle-by-Cycle current limiting is offered in
HT2269 current mode PWM control. The switch
current is detected by a sense resistor into the
sense pin. An internal leading edge blanking
circuit chops off the sense voltage spike at initial
MOSFET on state due to snubber diode reverse
recovery so that the external RC filtering on
sense input is no longer required. The current
limit comparator is disabled and thus cannot turn
off the external MOSFET during the blanking
period. PWM duty cycle is determined by the
current sense input voltage and the FB input
voltage.
Internal Synchronized Slope
Compensation
Built-in slope compensation circuit adds
voltage ramp onto the current sense input
voltage for PWM generation. This greatly
improves the close loop stability at CCM and
prevents the sub-harmonic oscillation and
thus reduces the output ripple voltage.
Over Temperature Protection
A NTC resistor in series with a regular resistor
should connect between RT and GND for
temperature sensing and protection. NTC resistor
value becomes lower when the ambient
temperature rises.
With the fixed internal current IRT flowing
through the resistors, the voltage at RT pin
becomes lower at high temperature. The internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com