Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT4054 Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HT4054
Description  Constant flow / constant voltage mode operatio
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4054 Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HT4054 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT4054 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT4054 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4054 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4054 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4054 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT4054 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HT4054
0.5A 线性锂离子电池充电器 IC
第 2 页 共 7 页
管脚图及功能说明
符号
名称
功能说明
1
CHRG
充电指示端
2
GND
地
3
BAT
充电电流输出端
4
VCC
电源端
5
PROG
充电电流设定端
绝对最大额定值
参数
符号
额定值
单位
输入电源电压
VCC
7
V
PROG 电压
VPROG
VCC+0.3
V
BAT 电压
VBAT
7
V
CHRG 电压
VCHRG
7
V
BAT 短路
Continuous
热阻
θ
JA
250
℃/W
BAT 电流
IBAT
500
mA
PROG 电流
IPROG
800
µA
最高结温
TJ
125
℃
储藏温度
TS
-65 to +125
℃
焊接温度(不超过 10 秒)
260
℃
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
19-Nov-2012
Sheet
of
File:
E:\E
盘\规格书\规格图\规格图-0\ZBO\TC9016.ddb
Drawn By :
1
2
3
4
5
CHRG
GND
BAT
VCC
PROG



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com