Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT5115 Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HT5115
Description  Low voltage operation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT5115 Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HT5115 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT5115 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT5115 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT5115 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HT5115
2/4
Motor Driver
www.hotchip.com.cn
Ver1.0
FUNCTIONAL DESCRIPTIONS
IN_A
IN_B
OUT_A
OUT_B
MODE
L
L
Z
Z
Release
H
L
H
L
Forward
L
H
L
H
Reverse
H
H
L
L
Break
ELECTRICAL CHARACTERISTICS at 25
Item
Symbol
Min.
Typ.
Max.
Unit
Condition
Operating Voitage
VCC
1.6
3.0
4.8
V
Standby Current
LDDS
-
1
20
uA
VDD=3V, IN_A/IN_B = VSS
Operating Current
LDDO
-
150
-
uA
VDD=3V, no load
Input High Voltage
VIH
1.2
-
VDD
V
VDD=3V
Input Low Voltage
VIL
VSS
-
0.8
V
VDD=3V
Output RO_UP
RO_UP
0.28
Ω
VDD=3V
Output RO_DN
RO_DN
0.25
Ω
VDD=3V
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Supply Voltage
VDD
-
-
6.0
V
Output Current
LOUT
-
1.5
1.8
A
Logic Input Voltage Range
VIN
-0.3
-
VDD+0.3
V
Storage Temperature Range
TSTG
-40
-
150
0C
APPLICATION CIRCUITS
47uF
5,
4
6
6
7
IN_A
OUT_A
OUT_B
VSS
VDD
B
A
1
M
2, 3
0.1uF
IN_B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com