Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT5125F Datasheet(PDF) 3 Page - Hotchip Technology Co.,Ltd

Part # HT5125F
Description  Low voltage operation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT5125F Datasheet(HTML) 3 Page - Hotchip Technology Co.,Ltd

  HT5125F Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT5125F Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT5125F Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT5125F Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT5125F Datasheet HTML 5Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HT5125F
3/5
Motor Driver
www.hotchip.com.cn
Ver1.0
BLOCK DIAGRAM
47uF
5,
4
6
6
7
IN_A
OUT_A
OUT_B
VSS
VDD
B
A
1
M
2, 3
0.1uF
IN_B
Package Information
ESOP8 PACKAGE OUTLINE DIMENSIONS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com