Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5530 Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD5530
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5530 Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD5530 Datasheet HTML 8Page - Leadtrend Technology LD5530 Datasheet HTML 9Page - Leadtrend Technology LD5530 Datasheet HTML 10Page - Leadtrend Technology LD5530 Datasheet HTML 11Page - Leadtrend Technology LD5530 Datasheet HTML 12Page - Leadtrend Technology LD5530 Datasheet HTML 13Page - Leadtrend Technology LD5530 Datasheet HTML 14Page - Leadtrend Technology LD5530 Datasheet HTML 15Page - Leadtrend Technology LD5530 Datasheet HTML 16Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LD5530
13
Leadtrend Technology Corporation
LD5530-DS-00
Oct. 2013
saturation; it would cause damage for acting beyond the
maximum safety operating area. It
’s necessary to check
the characteristic of MOSFET.
VDS
ID
Ohmic Region
Saturation Region
VGS1
VGS2
VGS3
VGS4
VGS5
VGS5 > VGS4 > VGS3 > VGS2 > VGS1
Cut-off region
Fig. 22
Output Short Circuit Protection (OSCP)
–
Auto Recovery
The OSCP function is to prevent the damage from output
short circuit. Once the output is shorted, Vo and VCC drop
immediately. And according to the close loop control,
COMP voltage will pull high in the meanwhile. If the
VCOMP pulls high to over 4.5 V for over 15 ms and Vcc
drops below 9 V. At this time, the OSCP protection will be
triggered and turn off the gate driving.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com