Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5530GL Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD5530GL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5530GL Datasheet(HTML) 5 Page - Leadtrend Technology

  LD5530GL Datasheet HTML 1Page - Leadtrend Technology LD5530GL Datasheet HTML 2Page - Leadtrend Technology LD5530GL Datasheet HTML 3Page - Leadtrend Technology LD5530GL Datasheet HTML 4Page - Leadtrend Technology LD5530GL Datasheet HTML 5Page - Leadtrend Technology LD5530GL Datasheet HTML 6Page - Leadtrend Technology LD5530GL Datasheet HTML 7Page - Leadtrend Technology LD5530GL Datasheet HTML 8Page - Leadtrend Technology LD5530GL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LD5530
5
Leadtrend Technology Corporation
LD5530-DS-00
Oct. 2013
Electrical Characteristics
(TA = +25C unless otherwise stated, VCC=15.0V)
PARAMETER
CONDITIONS
SYM.
MIN
TYP
MAX
UNITS
Supply Voltage (Vcc Pin)
Startup Current
VCC < UVLO (ON)
ICC-ST
---
0.6
1
A
Operating Current
(with 1nF load on OUT pin)
VCOMP=3V
ICC-OP1
1.7
1.85
2.1
mA
VCOMP=0V
ICC-OP2
0.53
0.65
0.77
mA
OLP Tripped / Auto,
OTP=3V
ICC-OPA
0.48
0.52
0.64
mA
mA
OTP/OVP Tripped / Latch
ICC-OPL1
0.70
0.83
0.98
mA
Latch-Off Release Voltage
Vcc-PDR
3.7
4.3
5.1
V
Holding Current
VCC=10V (Latched)
ICC-OPL2
360
450
540
A
VCC=Latch-Off Release
Voltage+0.2V
ICC-OPL3
20
25
29
A
UVLO (off)
OUT OFF
VCC-OFF
7.0
7.5
8.0
V
UVLO (on)
VCC-ON
15
16
17
V
VCC OVP Level
VCC-OVP
27.5
28.5
29.5
V
VCC OVP De-bounce time
*
TD-VCCOVP
---
8
---
cycle
VCC OSCP
COMP > 4.6V
VCC-OSCP
---
9
---
V
VCC OSCP De-bounce Time
TD-OSCP
---
15
---
ms
Voltage Feedback (Comp Pin)
Short Circuit Current
VCOMP=0V
ICOMP
0.10
0.125
0.15
mA
Open Loop Voltage
COMP pin open
VCOMP-OPEN
4.75
5
5.25
V
Green Mode Threshold VCOMP
*
VG
---
2.1
---
V
Zero Duty Threshold VCOMP
VZDC
1.5
1.6
1.7
V
Zero Duty Hysteresis
VZDCH
70
100
130
mV
Current Sensing (CS/OVP pin)
Maximum Input Voltage, VCS_OFF
VCS-MAX
0.837
0.85
0.863
V
Max.
OCP
Compensation
Current, IOCP
IOCP
234
240
246
A
Leading Edge Blanking Time,
LEB
TLEB
250
300
400
ns
Internal Slope Compensation
*0% to DMAX. (Linearly
increase)
VSLP-L
---
300
---
mV
Input impedance
*
ZCS
1
---
---
M
Delay to Output
*
TPD
---
100
---
ns
Soft Start Duration
*
TSS
---
6.5
---
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com