Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM74HC595 Datasheet(PDF) 1 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM74HC595
Description  CMOS shift register
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM74HC595 Datasheet(HTML) 1 Page - Shenzhen Putianhe Technology Co., Ltd

  TM74HC595 Datasheet HTML 1Page - Shenzhen Putianhe Technology Co., Ltd TM74HC595 Datasheet HTML 2Page - Shenzhen Putianhe Technology Co., Ltd TM74HC595 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM74HC595 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM74HC595 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM74HC595 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM74HC595 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CMOS 移位寄存器 TM74HC595
www.szpth.com
V1.1
特性描述
特性描述
特性描述
特性描述
TM74HC595 是一款漏极开路输出的 CMOS 移位寄存器,输出端口为可控的三态输出端,亦能串
行输出控制下一级级联芯片。本产品性能优良、质量可靠。
功能
功能
功能
功能特点
特点
特点
特点
高速移位时钟频率 Fmax>25MHz
标准串行(SPI)接口
CMOS 串行输出,可用于多个设备的级联
低功耗:TA =25℃时,Icc=4μA(MAX)
内部结构框图
内部结构框图
内部结构框图
内部结构框图


Similar Part No. - TM74HC595

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
TM74HC595 TITAN-TM74HC595 Datasheet
753Kb / 7P
CMOS
More results

Similar Description - TM74HC595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4006B TI-CD4006B Datasheet
217Kb / 5P
CMOS 18-STAGE STATIC SHIFT REGISTER
CD4031B TI-CD4031B Datasheet
265Kb / 6P
CMOS 64-STAGE STATIC SHIFT REGISTER
logo
Intersil Corporation
CD40104BMS INTERSIL-CD40104BMS Datasheet
129Kb / 10P
CMOS 4-Bit Bidirectional Universal Shift Register
December 1992
CD4031BMS INTERSIL-CD4031BMS Datasheet
97Kb / 10P
CMOS 64-Stage Static Shift Register
December 1992
CD4517BMS INTERSIL-CD4517BMS Datasheet
116Kb / 9P
CMOS Dual 64-Stage Static Shift Register
December 1992
logo
Microsemi Corporation
TSC375 MICROSEMI-TSC375 Datasheet
676Kb / 4P
Shift Register
logo
List of Unclassifed Man...
SCL4517B ETC1-SCL4517B Datasheet
559Kb / 3P
CMOS 64-BIT DUAL SHIFT REGISTER
logo
Texas Instruments
CD4021B-Q1 TI1-CD4021B-Q1 Datasheet
3Mb / 14P
CMOS 8-STAGE STATIC SHIFT REGISTER
CD40194B TI-CD40194B_10 Datasheet
342Kb / 9P
CMOS 4-BIT BIDIRECTIONAL UNLVERSAL SHIFT REGISTER
CD4006BE TI-CD4006BE Datasheet
368Kb / 8P
CMOS 18-Stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com