Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM1809 Datasheet(PDF) 2 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1809
Description  9 Way LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1809 Datasheet(HTML) 2 Page - Shenzhen Putianhe Technology Co., Ltd

  TM1809 Datasheet HTML 1Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 2Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1809 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
深圳市普天和科技有限公司
www.szpth.com
V1.4
9
99
9 通道
通道
通道
通道 LED
LED
LED
LED 驱动控制专用电路
驱动控制专用电路
驱动控制专用电路
驱动控制专用电路
TM1809
TM1809
TM1809
TM1809
内部结构框图
内部结构框图
内部结构框图
内部结构框图
GND
VDD
DIN
SET
GND
DO
VDD
串行解码
数据整形
PWM控制
OSC
输出
驱动
OUT
OUT
DW
5V
管脚信
管脚信
管脚信
管脚信息
息
息
息
1
2
3
4
11
12
13
14
VDD
SET
DO
3OUTR
1OUTB
1OUTG
1OUTR
DIN
(TO P VIE W)
(TO P VIE W)
(TO P VIE W)
(TO P VIE W)
TM1 809
TM1 809
TM1 809
TM1 809
5
6
7
3OUTG
3OUTB
GND
8
9
10
2OUTB
2OUTG
2OUTR
输出及输入等效电路
输出及输入等效电路
输出及输入等效电路
输出及输入等效电路
VDD
GND
DIN
VDD
GND
DO
GND
OUTn
SET
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com