Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5850GS Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD5850GS
Description  Boost Controller for LED Backlight
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5850GS Datasheet(HTML) 2 Page - Leadtrend Technology

  LD5850GS Datasheet HTML 1Page - Leadtrend Technology LD5850GS Datasheet HTML 2Page - Leadtrend Technology LD5850GS Datasheet HTML 3Page - Leadtrend Technology LD5850GS Datasheet HTML 4Page - Leadtrend Technology LD5850GS Datasheet HTML 5Page - Leadtrend Technology LD5850GS Datasheet HTML 6Page - Leadtrend Technology LD5850GS Datasheet HTML 7Page - Leadtrend Technology LD5850GS Datasheet HTML 8Page - Leadtrend Technology LD5850GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LD5850
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5850-DS-00
November 2012
Pin Configuration
VCC
1
8
2
3
4
7
6
5
TOP MARK
YYWWPP
YYWWPP
YY:
Year code
WW: Week code
PP:
Production code
SOP-8 (TOP VIEW)
Ordering Information
Part number
Package
TOP MARK
Shipping
LD5850 GS
SOP-8
LD5850 GS
2500 /tape & reel
The LD5850 is ROHS compliant/ Green Packaged.
Pin Descriptions
PIN
NAME
FUNCTION
1
VCC
Power source VCC pin.
2
DRV
Gate drive output to drive the external MOSFET.
3
GND
Ground.
4
CS
Current Sense pin. Connect with an external current sensing resistor to GND. CS
pin voltage is used to provide current feedback in the control loop and detect an
overcurrent condition.
5
FB
LED output current feedback through a current sense resistor.
6
COMP
Compensation of the error amplifier for voltage loop compensation.
7
OVP
Over-voltage protection.
8
DIM
PWM Dimming Input. If the DIM pin voltage is below logic Voltage threshold, the
DRV control would be stopped immediately until DIM pin voltage rises to high
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com