Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5861GS Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD5861GS
Description  Boost Controller for LED Backlight
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5861GS Datasheet(HTML) 2 Page - Leadtrend Technology

  LD5861GS Datasheet HTML 1Page - Leadtrend Technology LD5861GS Datasheet HTML 2Page - Leadtrend Technology LD5861GS Datasheet HTML 3Page - Leadtrend Technology LD5861GS Datasheet HTML 4Page - Leadtrend Technology LD5861GS Datasheet HTML 5Page - Leadtrend Technology LD5861GS Datasheet HTML 6Page - Leadtrend Technology LD5861GS Datasheet HTML 7Page - Leadtrend Technology LD5861GS Datasheet HTML 8Page - Leadtrend Technology LD5861GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LD5861
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5861-DS-00
April 2013
Pin Configuration
VCC
1
8
2
3
4
7
6
5
TOP MARK
YYWWPP
YYWWPP
YY:
Year code
WW: Week code
PP:
Production code
SOP-8 (TOP VIEW)
Ordering Information
Part number
Package
TOP MARK
Shipping
LD5861 GS
SOP-8
LD5861 GS
2500 /tape & reel
Note: The LD5861 is ROHS compliant/ Green Packaged.
Pin Descriptions
PIN
NAME
FUNCTION
1
FB
LED output current feedback through a current sense resistor.
2
COMP
Compensation of the error amplifier for voltage loop compensation.
3
OVP
Over-voltage protection.
4
CS
Current Sense pin. Connect with an external current sensing resistor to GND. CS
pin voltage is used to provide current feedback in the control loop and detect an
overcurrent condition.
5
DIM
PWM Dimming Input. If the DIM pin voltage is below logic Voltage threshold, the
DRV control would be stopped immediately until DIM pin voltage rises to high
again.
6
GND
Ground.
7
DRV
Gate drive output to drive the external MOSFET.
8
VCC
Power source VCC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com