Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7835GL Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD7835GL
Description  Non-isolation Buck Solution High Power Factor LED Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7835GL Datasheet(HTML) 5 Page - Leadtrend Technology

  LD7835GL Datasheet HTML 1Page - Leadtrend Technology LD7835GL Datasheet HTML 2Page - Leadtrend Technology LD7835GL Datasheet HTML 3Page - Leadtrend Technology LD7835GL Datasheet HTML 4Page - Leadtrend Technology LD7835GL Datasheet HTML 5Page - Leadtrend Technology LD7835GL Datasheet HTML 6Page - Leadtrend Technology LD7835GL Datasheet HTML 7Page - Leadtrend Technology LD7835GL Datasheet HTML 8Page - Leadtrend Technology LD7835GL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LD7835
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7835-DS-01 July 2015
Electrical Characteristics
( VCC =14.0V, TA = 25
C unless otherwise specified.)
PARAMETER
CONDITIONS
Symbol
MIN
TYP
MAX
UNITS
Supply Voltage (VCC Pin)
Startup Current
VCC=10V
IVCC_ST
-
-
10
A
Operating Current
(with 1nF load on OUT pin)
COMP=3V, ZCD=2V
IVCC_14
-
1
-
mA
Protection Tripped
(OVP, OTP)
IVCC_PRO
-
2
-
mA
UVLO (OFF)
VUV_OFF
7.7
8.2
8.7
V
UVLO (ON)
VUV_ON
15
16
17
V
VCC OVP Threshold
VCC_OVP
27
28
29
V
Compensation(COMP Pin)
gm
(1)
-
-
200
-
A/V
COMP Pin Open Voltage
VCMP
5
5.5
6
V
Programmable Max-On Time
Level 1, COMP =5V
TON_MAX1
-
15
-
s
Level 2, COMP =5V
TON_MAX2
-
21
-
s
Level 3, COMP =5V
TON_MAX3
-
29
-
s
Pre-charge voltage during
soft-start
(1)
VCMP_PRE
-
0.6
-
V
Current Sensing (CS Pin)
Reference voltage
Vref
0.194
0.2
0.206
V
OCP Threshold
(Cycle by Cycle)
VOCP
1.1
1.2
1.3
V
During soft-start
VOCP_SS
-
0.45
-
V
Soft-Start Time
TSS
12
16
20
ms
LEB time
TLEB
-
250
-
ns
Zero Current Detector (ZCD Pin)
Lower Clamp Voltage
VZCD_LC
-
0
-
V
ZCD OVP Threshold
VZCD_OVP
3.8
4
4.2
V
ZCD OVP Comparator
De-bounce
TDEB_OVP
-
1.6
-
s
Input Voltage Threshold
VZCD
-
0.6
-
V
Hysteresis
VZCD_HYS
-
0.4
-
V
ZCD Blanking Time
TZCD_BLK
1.5
2
2.5
s
Minimum (ON+OFF)-Time, FMAX
Minimum ON+OFF-Time
FS, MAX(150kHz)
TMIN
5.34
6.67
8
s
During Soft-Start
TMIN_SS
-
11
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com