Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC817D Datasheet(PDF) 4 Page - Hotchip Technology Co.,Ltd

Part # PC817D
Description  High isolation voltage between inputand output (Viso=5000 V rms )
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

PC817D Datasheet(HTML) 4 Page - Hotchip Technology Co.,Ltd

  PC817D Datasheet HTML 1Page - Hotchip Technology Co.,Ltd PC817D Datasheet HTML 2Page - Hotchip Technology Co.,Ltd PC817D Datasheet HTML 3Page - Hotchip Technology Co.,Ltd PC817D Datasheet HTML 4Page - Hotchip Technology Co.,Ltd PC817D Datasheet HTML 5Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PC817(D)
4 PIN DPHOTOTRANSISTOR PHOTOCOUPLER
 
  
 
第  4  页  共  5  页
Figure:7. Switching Time Test Circuit & Waveforms
Package Drawing(Dimensions in mm)
Standard DIP Type


Similar Part No. - PC817D

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817D SHARP-PC817D Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817D KEXIN-PC817D Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
Tiger Electronic Co.,Lt...
PC817D TGS-PC817D Datasheet
173Kb / 4P
High Density DIP Type Photocoupler
logo
First Silicon Co., Ltd
PC817D FS-PC817D Datasheet
220Kb / 4P
High Density Mounting Type Photocoupler PC817 Series
2013. 07. 30 Rev No : 0
More results

Similar Description - PC817D

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-817C LITEON-LTV-817C Datasheet
600Kb / 15P
High input-output isolation voltage
logo
ISOCOM COMPONENTS
IS281-4GB ISOCOM-IS281-4GB Datasheet
258Kb / 10P
Current transfer ratio, Isolation voltage between input and output
logo
Toshiba Semiconductor
TLP705A TOSHIBA-TLP705A Datasheet
392Kb / 16P
Isolation voltage - 5000 Vrms (min)
logo
Taoglas antenna solutio...
MA510.C.CG.005 TAOGLAS-MA510.C.CG.005 Datasheet
1Mb / 23P
High Isolation Between Antenna Elements
MA510.C.W.CG.002 TAOGLAS-MA510.C.W.CG.002 Datasheet
1Mb / 25P
High Isolation between Antenna Elements
MA530.C.CG.003 TAOGLAS-MA530.C.CG.003 Datasheet
1Mb / 17P
High Isolation between Antenna Elements
logo
Broadcom Corporation.
OPTION020 BOARDCOM-OPTION020 Datasheet
101Kb / 2P
Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
AVAGO TECHNOLOGIES LIMI...
E55361 AVAGO-E55361 Datasheet
101Kb / 2P
Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
E&E Magnetic Products L...
834-00032F EEMAGNETIC-834-00032F Datasheet
115Kb / 2P
High Isolation between Gate and Drive
logo
First Silicon Co., Ltd
JC357 FS-JC357 Datasheet
572Kb / 6P
High isolation voltage between input and output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com