Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP115 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FP115
Description  Dual OPA Circuit with Precision Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP115 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FP115 Datasheet HTML 1Page - Feeling Technology Corp. FP115 Datasheet HTML 2Page - Feeling Technology Corp. FP115 Datasheet HTML 3Page - Feeling Technology Corp. FP115 Datasheet HTML 4Page - Feeling Technology Corp. FP115 Datasheet HTML 5Page - Feeling Technology Corp. FP115 Datasheet HTML 6Page - Feeling Technology Corp. FP115 Datasheet HTML 7Page - Feeling Technology Corp. FP115 Datasheet HTML 8Page - Feeling Technology Corp. FP115 Datasheet HTML 9Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FP115
Dual OPA Circuit with Precision Shunt Regulator
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.6
1/9
SHUNT
REGULATOR
2K
OUT
GND
CS
VCC
VFB
General Description
The FP115 incorporates dual operation amplifier and a precision shunt regulator (typ. 1.25V). The
main function of FP115 is CV control and OC sense for low power RCC circuits. The small package
SOT-23-5L is suitable for mini-size AC-DC power supply or adapter applications.
Features
Fixed Reference Voltage: 1.25V
Reference Voltage Precision: 2%
Output Sink Current: 5mA
Current Consumption: 2.4mA
Output Inverting Voltage Deviation: OPA1: 3mV, OPA2: 1mV
Wide Operation Voltage Range: 2.5V ~ 20V
Package: SOT23-5L
Applications
Charger
Switching Power Supply
AC Adapter
Function Block Diagram


Similar Part No. - FP115

ManufacturerPart #DatasheetDescription
logo
C&K Components
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
FP11-SP-A1-B1-TP-00 CK-COMPONENTS-FP11-SP-A1-B1-TP-00 Datasheet
365Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
FP11-SP-A1-B1-TP-01 CK-COMPONENTS-FP11-SP-A1-B1-TP-01 Datasheet
365Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
FP11-SP-A1-B1-TP-02 CK-COMPONENTS-FP11-SP-A1-B1-TP-02 Datasheet
365Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
FP11-SP-A1-B1-TP-03 CK-COMPONENTS-FP11-SP-A1-B1-TP-03 Datasheet
365Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
More results

Similar Description - FP115

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
NTE Electronics
NTE999 NTE-NTE999 Datasheet
22Kb / 2P
Integrated Circuit Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
TL431Z ETC2-TL431Z Datasheet
574Kb / 15P
PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Silicon Standard Corp.
SS2432G SSC-SS2432G Datasheet
474Kb / 6P
Dual Adjustable Precision Shunt Regulator
logo
Diodes Incorporated
ZXRD060 DIODES-ZXRD060 Datasheet
823Kb / 12P
0.6V DUAL ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com