Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3595 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3595
Description  The LM3595 is a parallel white-LED driver that is capable of driving four white LEDs.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3595 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3595 Datasheet HTML 1Page - National Semiconductor (TI) LM3595 Datasheet HTML 2Page - National Semiconductor (TI) LM3595 Datasheet HTML 3Page - National Semiconductor (TI) LM3595 Datasheet HTML 4Page - National Semiconductor (TI) LM3595 Datasheet HTML 5Page - National Semiconductor (TI) LM3595 Datasheet HTML 6Page - National Semiconductor (TI) LM3595 Datasheet HTML 7Page - National Semiconductor (TI) LM3595 Datasheet HTML 8Page - National Semiconductor (TI) LM3595 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Connection Diagram
LM3595
10-Pin Leadless Leadframe Package (LLP) - 3mm X 3mm
NS Package Number LDA10A
20072202
Pin Description
Pin
Name
Description
9V
IN
Input Voltage
1,2,3,4
OUT1-4
Current Source Outputs 1- 4 - Connect directly to LED’s
5
I
SET
Current Set Input- The resistor value tied between this pin and ground sets the
output current.
6
EN
Active-High Enable Input-A1M
Ω resistor is connected internally between this
pin and GND to pull the voltage on this pin to 0V, and shut down the part,
when the pin is left floating.
10
BR-ON
Active-High Analog Brightness Control Enable - A voltage of .65 x V
IN must be
applied to this pin to enable analog brightness control.
7
BRGT
Analog-voltage-controlled Brightness Input - When the BR-ON pin is set high,
the voltage on this pin allows analog control of the LED’s brightness. The
recommended voltage range on this pin is0-3V where 3V is V
BR(MAX). The
input impedance of this pin is 300k
Ω.
8, DAP
GND
Ground
Ordering Information
Order Number
Package Number
Package Marking
Supplied as:
LM3595LD
LDA10A
L3595
1000 units on Tape-and-Reel
LM3595LDX
LDA10A
L3595
3500 units on Tape-and-Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com