Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3595LD Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3595LD
Description  The LM3595 is a parallel white-LED driver that is capable of driving four white LEDs.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3595LD Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3595LD Datasheet HTML 3Page - National Semiconductor (TI) LM3595LD Datasheet HTML 4Page - National Semiconductor (TI) LM3595LD Datasheet HTML 5Page - National Semiconductor (TI) LM3595LD Datasheet HTML 6Page - National Semiconductor (TI) LM3595LD Datasheet HTML 7Page - National Semiconductor (TI) LM3595LD Datasheet HTML 8Page - National Semiconductor (TI) LM3595LD Datasheet HTML 9Page - National Semiconductor (TI) LM3595LD Datasheet HTML 10Page - National Semiconductor (TI) LM3595LD Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Circuit Description
The LM3595 is a parallel white-LED driver with four matched
current outputs. This part is intended to be driven off of an
existing power supply rail or other regulated voltage source
found within the surrounding system. The matched current
regulators each have a 100:1 current ratio between the
OUTx outputs and the I
SET currents. The mirrors control the
current through the LEDs without the use of external ballast
resistors. With a total of 100mA of total output current avail-
able, the LM3595 is easily capable of supplying 25mA per
each of the four outputs through the proper selection of the
R
SET resistor. LED brightness control can be achieved on
the LM3595 with a PWM signal and/or an analog voltage.
Application Information
ENABLE / SHUTDOWN
When the voltage on the active-high-logic enable pin is low,
the LM3595 will be in shutdown. While disabled, the LM3595
typically draws 0.1µA. When the EN pin is unconnected, the
part automatically goes into shutdown due to an internal
1M
Ω pull-down resistor that is tied between EN and GND.
OUTPUT CURRENT CAPABILITY
The LM3595 is capable of providing up to 25mA of current to
each of the four outputs given an input voltage of 3.0V to
5.5V. The outputs have a typical current matching of 0.5%
between adjacent sources. An external resistor can be used
to set the output current, as approximated with the following
the equation:
R
SET=100 x (1.22V / IOUTX ) with BR-ON = 0V
In order for the output currents to be regulated properly,
sufficient headroom voltage (V
HR) must be present. The
headroom voltage refers to the minimum amount of voltage
that must be present across the current source in order to
ensure the desired current is realizable. To ensure the de-
sired current is obtained, apply the following equations to
find the minimum input voltage required:
V
IN -VOUTX
≥ V
HR
V
OUTX is the diode forward voltage, and VHR is defined by
the following equation:
V
HR =kHR x (0.95 x IOUTX)
I
OUTX
is the desired diode current, and k
HR,
typically
23mV/mA in the LM3595, is a proportionality constant that
represents the ON-resistance of the internal current mirror
transistors. For worst-case design calculations, using a k
HR
of 30mV/mA is recommended. (Worst-case recommendation
accounts for parameter shifts from part-to-part variation and
applies over the full operating temperature range). Changes
in headroom voltage from one output to the next, possible
with LED forward voltage mismatch, will result in different
output currents and LED brightness mismatch. Thus, oper-
ating the LM3595 with insufficient headroom voltage across
all current sources should be avoided.
TABLE 1. I
OUT,RSET and VHR-MIN
Voltage (BR-ON = 0V), k
HR= 30 mV/mA (worst-case)
I
OUT
R
SET
V
HEADROOM
10mA
12.4k
285mV
15mA
8.25k
430mV
25mA
4.88k
715mV
PWM BRIGHTNESS CONTROL
Brightness control can be implemented by pulsing a signal at
the EN pin. When a PWM signal is used to drive the EN pin
of the LM3595, the BR-ON pin should be driven low. The
R
SET value should be selected using the RSET equation
when the analog brightness control feature is disabled. LED
brightness is proportional to the duty cycle (D) of the PWM
signal. For linear brightness control over the full duty cycle
adjustment range, the PWM frequency (f) should be limited
to accommodate the turn-on time (T
ON = 50µs) of the de-
vice.
D x (1/f) > T
ON
f
MAX =DMIN ÷TON
If the PWM frequency is much less than 100Hz, flicker may
be seen in the LEDs. For the LM3595, zero duty cycle will
turn off the LEDs and a 50% duty cycle will result in an
average I
OUT being half of the programmed LED current. For
example, if R
SET is set to program 15mA, a 50% duty cycle
will result in an average I
LED of 7.5mA. IOUT being half the
programmed LED current. R
SET should be chosen not to
exceed the maximum current delivery capability of the de-
vice.
ANALOG BRIGHTNESS CONTROL
The LM3595 allows for analog brightness control using the
BR-ON, and BRGT pin. To enable this function, the BR-ON
pin must be set to a voltage greater or equal to 0.45*V
IN.
With analog brightness enabled, the voltage delivered to pin
BRGT can be used to adjust the output currents. Use the
maximum desired current (I
OUTX(max)) and the maximum
analog voltage to be used in the adjustment (V(BR)
(max) )to
size R
SET according to the following equation:
Table 2 shows the current through each LED for the LM3595
with various BRGT and RSET values.
When analog brightness is used, applying 0V to the BRGT
pin does not turn the LEDs off completely. There is a small
amount of leakage current (100µA) that typically causes a
small amount of light to be emitted from the LED. In order to
completely turn off the LEDs, drive the EN pin low to disable
the part.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com