Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM1903 Datasheet(PDF) 12 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1903
Description  3 - channel LED constant current drive
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1903 Datasheet(HTML) 12 Page - Shenzhen Putianhe Technology Co., Ltd

Back Button TM1903 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1903 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1903 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd TM1903 Datasheet HTML 10Page - Shenzhen Putianhe Technology Co., Ltd TM1903 Datasheet HTML 11Page - Shenzhen Putianhe Technology Co., Ltd TM1903 Datasheet HTML 12Page - Shenzhen Putianhe Technology Co., Ltd TM1903 Datasheet HTML 13Page - Shenzhen Putianhe Technology Co., Ltd TM1903 Datasheet HTML 14Page - Shenzhen Putianhe Technology Co., Ltd TM1903 Datasheet HTML 15Page - Shenzhen Putianhe Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
3333 通道
通道
通道
通道 LED
LED
LED
LED 恒流驱动
恒流驱动
恒流驱动
恒流驱动
TM1903
TM1903
TM1903
TM1903
www.szpth.c”m
恒流曲线
恒流曲线
恒流曲线
恒流曲线
将 TM1903 应用到 LED 面板设计上时,通道间甚至芯片间的电流差异极小 此源于
TM1903 的优异特性
另外,当负载端电压发生变化时,其输出电流的稳定性不受影响,如下图所示
图中所示,输出端口的电流 I”ut 与加在端口上的电压 Vds 关系可知,当在恒流工作状
态下,Vds>0.8V,端口输出 I”ut 为恒流值,I”ut 恒流电流越小,需要的 Vds 也越小,
最小不能小于 0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com