Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM1905 Datasheet(PDF) 13 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1905
Description  9 channel LED constant current drive
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1905 Datasheet(HTML) 13 Page - Shenzhen Putianhe Technology Co., Ltd

Back Button TM1905 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1905 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd TM1905 Datasheet HTML 10Page - Shenzhen Putianhe Technology Co., Ltd TM1905 Datasheet HTML 11Page - Shenzhen Putianhe Technology Co., Ltd TM1905 Datasheet HTML 12Page - Shenzhen Putianhe Technology Co., Ltd TM1905 Datasheet HTML 13Page - Shenzhen Putianhe Technology Co., Ltd TM1905 Datasheet HTML 14Page - Shenzhen Putianhe Technology Co., Ltd TM1905 Datasheet HTML 15Page - Shenzhen Putianhe Technology Co., Ltd TM1905 Datasheet HTML 16Page - Shenzhen Putianhe Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
9999 通道
通道
通道
通道 LED
LED
LED
LED 恒流驱动
恒流驱动
恒流驱动
恒流驱动 TM
TM
TM
TM1905
1905
1905
1905
www.szpth.c”’
恒流曲线
恒流曲线
恒流曲线
恒流曲线
将 TM1905 应用到 LED 面板设计上时,通道间甚 芯片间的电流差异很小 此源于
TM1905 的优异特性
另外,当负载端电压发生变化时,其输出电流的稳定性不受影响,如下图所示
图中所示,输出端口的电流 I”ut 与加在 OUT 端口上的电压 Vds 关系可知,当在恒流
工作状态下,端口输出 I”ut 为恒流值,I”ut 恒流电流越小,需要的 Vds 也越小,最小
不能小于 0.8V
TM1905
恒流曲线
0
5
10
15
20
25
30
35
40
45
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2
VDS(V)
恒流值41H
恒流值30H
恒流值20H
恒流值10H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com