Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2BA Datasheet(PDF) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

Part # S2BA
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.

S2BA Datasheet(HTML) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

  S2BA Datasheet HTML 1Page - DACO SEMICONDUCTOR CO.,LTD. S2BA Datasheet HTML 2Page - DACO SEMICONDUCTOR CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
S2AA
THRU
S2MA
•
50
50
5.0
5.0
2.0
2.0
600
600
100
100
70
70
50
50
100
100
35
35
50
50
S2AA
S2AA
400
400
600
600
420
420
800
800
560
560
140
140
200
200
800
800
=100
=100
30
30
NOTE :
1.Reverse recovery test connditions:
NOTE :
1.Reverse recovery test connditions:
PF
PF
Symbol
Symbol
RMS
RMS
V
V
V
V RRM
RRM
Io
Io
V
V DC
DC
II FSM
FSM
FF
V
V
II RR
C
C
JJ
Units
Units
Maximum recurrent peak reverse voltage
Maximum recurrent peak reverse voltage
Characteristic
Characteristic
Maximum RMS voltage
Maximum RMS voltage
Maximum DC voltage
Maximum DC voltage
Maximum average forward
rectified current at
Maximum average forward
rectified current at
Peak forward surge current,8.3ms single half sine-wave
auperimposed on rated load(JEDEC Methed)
Peak forward surge current,8.3ms single half sine-wave
auperimposed on rated load(JEDEC Methed)
Maximum instantaneous forward
voltage drop per leg at 2.0A
Maximum instantaneous forward
voltage drop per leg at 2.0A
Ta=25
Ta=25
Ta=125
Ta=125
Weight:0.003 ounces,0.093 grams
Weight:0.003 ounces,0.093 grams
Terminals: Solder plated solderable per
MIL-STD-750, Method 2026
Terminals: Solder plated solderable per
MIL-STD-750, Method 2026
Case: JEDEC DO-214AC molded plastic
Case: JEDEC DO-214AC molded plastic
Flammability Classification
Flammability Classification
High temperature soldering:
250
/10 second at terminals
High temperature soldering:
250
/10 second at terminals
Easy pick and place
Easy pick and place
Built-in stain relief
Built-in stain relief
Low profile package
Low profile package
For surface mounted applications
For surface mounted applications
1000
1000
700
700
1000
1000
1.1
1.1
2.5
2.5
TRR
TRR
3..Thermal resistance from junction to lead mounted on 0.2 x 0.2"(5.0mm x 5.0mm)
3..Thermal resistance from junction to lead mounted on 0.2 x 0.2"(5.0mm x 5.0mm)
2.Measured at 1 MHZ and applied reverse voltage of 4.0 volTS
2.Measured at 1 MHZ and applied reverse voltage of 4.0 volTS
I =0.5A,I =1.0A,I
=0.25A
I =0.5A,I =1.0A,I
=0.25A
FF
R
R
RR
RR
Polarity: Indicated by cathode band
Polarity: Indicated by cathode band
Standard Packaging: Any
Standard Packaging: Any
200
200
280
280
400
400
S2BA
S2BA S2DA
S2DA S2GA
S2GA S2JA
S2JA S2KA
S2KA S2MA
S2MA
125
125
Typical junction
Typical junction
Typical thermal resistance
Typical thermal resistance
Operating Junction and storage temperature range
Operating Junction and storage temperature range
(NOTE 2)
(NOTE 2)
(NOTE 3)
(NOTE 3)
Maximum reverse recovery time
Maximum reverse recovery time (NOTE 1)
(NOTE 1)
Capacitance
Capacitance
LL
TT
-55 to+150
-55 to+150
16
16
Tstg
Tstg
J,
J,
TT
Rth JL
Rth JL
Maximum DC reverse current
at rated DC blocking voltage
Maximum DC reverse current
at rated DC blocking voltage


Similar Part No. - S2BA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S2BA SSE-S2BA Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S2BA DIODES-S2BA Datasheet
47Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 7 - 2
logo
Won-Top Electronics
S2BA WTE-S2BA Datasheet
47Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S2BA TSC-S2BA Datasheet
51Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
S2BA TSC-S2BA Datasheet
133Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
More results

Similar Description - S2BA

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF10A ZOWIE-GF10A Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
GF15A ZOWIE-GF15A Datasheet
61Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GF1A GE-GF1A Datasheet
90Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GN1A GOOD-ARK-GN1A Datasheet
199Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
MIC GROUP RECTIFIERS
S1A MIC-S1A Datasheet
61Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
BYM10-100-E3 VISHAY-BYM10-100-E3 Datasheet
101Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
26-Jun-06
logo
GOOD-ARK Electronics
GL1X GOOD-ARK-GL1X_15 Datasheet
191Kb / 3P
Surface Mount Glass Passivated Junction Rectifier
logo
DACO SEMICONDUCTOR CO.,...
S3AB DACO-S3AB Datasheet
521Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
1N6478 VISHAY-1N6478_V01 Datasheet
85Kb / 5P
Surface-Mount Glass Passivated Junction Rectifier
18-May-2021
BYM10-50 VISHAY-BYM10-50_V01 Datasheet
85Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
30-Jan-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com