Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2KA Datasheet(PDF) 2 Page - DACO SEMICONDUCTOR CO.,LTD.

Part # S2KA
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.

S2KA Datasheet(HTML) 2 Page - DACO SEMICONDUCTOR CO.,LTD.

  S2KA Datasheet HTML 1Page - DACO SEMICONDUCTOR CO.,LTD. S2KA Datasheet HTML 2Page - DACO SEMICONDUCTOR CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S2AA
S2AA
S2MA
S2MA
0
0.4
0.8
1.2
1.6
2.0
2.4
0
25
50
75
100
125
150
SINGLE PHASE
HALF WAVE 60 HZ
RESISTIVE OR
INDUCTIVE LOAD
P.C.B MOUNTED
ON 0.3"X0.3"
(8.0mmX8.0mm)
COPPER AREAS
0
0
10
100
10
20
30
40
50
60
1
10
100
1
10
100
50
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
175
0.01
0.1
1
10
Units Mounted On
20inX20in(5.4mmX5.4mm)+0.5mil
inches(0.013mm)
Thick Copper Land Areas
0.001
0.01
0.1
1
10
T =125
J
T =75
J
T =25
J



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com