Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSP1 Datasheet(PDF) 2 Page - RFbeam Microwave GmbH

Part # RSP1
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1 Datasheet(HTML) 2 Page - RFbeam Microwave GmbH

  RSP1 Datasheet HTML 1Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 2Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 3Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 4Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 5Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 6Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 7Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 8Page - RFbeam Microwave GmbH RSP1 Datasheet HTML 9Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
2.2 RSPx Family
RSP1 is the first member of RFbeam Radar signal processors.
The RSPx family helps users concentrating on their application know-how instead of investing time and
money in raw signal processing.
RSP1 contains all signal processing for Doppler Radar. It covers slow movement detectors as well as
speed estimators up 250km/h.
It can be used as stand alone processor or as a co-processor in higher complexity systems.
User has only to add an input amplifier and digital output drivers and gets a high performance detection
system.
Evaluation and development is supported by the RSP1 Evaluation Kit reference design.
2.3 Key Data
12 Bit ADC
Differential analog inputs for I and Q signals
Internal programmable gain amplifier
Sampling rates from 1280Hz to 22.5kHz
Efficient 256pt complex FFT
Logarithmic detection algorithms
Adaptive noise and interference analysis and canceling algorithms
Serial command and debug/streaming interfaces
Commands include peak magnitude, frequency and sign, noise level and many more
Highly configurable by serial interface and/or digital and analog inputs
Application settings can be down- and uploaded from chip
2.4 RSP1 Evaluation Kit
RSP1_Eval-Kit; Left: K-LC2 sensor on front connector; Right: Backside equipped with K-LC6 sensor
With RSP1 Evaluation Kit, you may explore most features of RSP1 working with different RFbeam
sensors. 5 different sensors are included in the kit.
Using a RSP_Terminal you have access to more than 30 parameters. Explore FFT, noise and other
signals with the RFbeam SerialScope PC Software, that.also makes part of the kit.
All schematics, PCB layout and BOM are included as a reference.
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
2/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com