Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFA1 Datasheet(PDF) 2 Page - RFbeam Microwave GmbH

Part # RFA1
Description  RADAR ACTIVATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RFA1 Datasheet(HTML) 2 Page - RFbeam Microwave GmbH

  RFA1 Datasheet HTML 1Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 2Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 3Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 4Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 5Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 6Page - RFbeam Microwave GmbH RFA1 Datasheet HTML 7Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RFA1 RADAR ACTIVATOR
Datasheet
Characteristics
Parameter
Conditions / Notes
Symbol
Min
Typ
Max
Unit
Operating conditions
Supply voltage
Vcc
6
24
VDC
Supply current
Pulsed mode (no detection)
Icc
6.5
8
mA
Pulsed mode (detection)
Icc
10
12
mA
Continuous mode
Icc
35
45
mA
Output Sink Current
Vout < 1.5V
Iout
20
mA
Operating temperature
Top
-20
+80
°C
Storage temperature
Tst
-20
+80
°C
Settings
Sensitivity continuous mode
Persons, frontal, continuous mode
RCap
1
10
m
Sensitivity pulsed mode
Sensitivity pulsed (energy saving) mode
RCap2
1
7
m
Hold Time
TH
1s
30 min
Pulse Mode
can be enabled / disabled during power up
tON / tOFF
5/200
µs
Radar
Capturing range
Persons, frontal
RCap
10
m
Detectable object speed range
v
0.1
80
km/h
Transmitter frequency
UVCO= 5V, Tamb=-20°C .. +80°C
fTX
24.050
24.150
24.250
GHz
Output power
EIRP
PTX
+12
+15
+17
dBm
Spurious emission
According to ETSI 300 440
Pspur
-30
dBm
Antenna
Horizontal -3dB beamwidth
E-Plane
Wϕ
80
°
Vertical -3dB beamwidth
H-Plane
Wθ
34
°
Body
Outline Dimensions
length x width x height
45x45x15
mm3
Weight
13
g
Connector ( Note 1)
Terminal Block PTSM 0,5/ 3-2,5-H THR R32
3
pins
Note 1) Phoenix terminal connector type PTSM 0,5/ 3-2,5-H THR R32:
Spring cage type. No needs for tooling. Wires AWG24...20. / 0.2mm2 … 0.5mm2
© RFbeam Microwave GmbH www.rfbeam.ch
Page 2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com