Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP5138 Datasheet(PDF) 13 Page - Feeling Technology Corp.

Part # FP5138
Description  Non-Synchronous PWM Boost Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP5138 Datasheet(HTML) 13 Page - Feeling Technology Corp.

Back Button FP5138 Datasheet HTML 8Page - Feeling Technology Corp. FP5138 Datasheet HTML 9Page - Feeling Technology Corp. FP5138 Datasheet HTML 10Page - Feeling Technology Corp. FP5138 Datasheet HTML 11Page - Feeling Technology Corp. FP5138 Datasheet HTML 12Page - Feeling Technology Corp. FP5138 Datasheet HTML 13Page - Feeling Technology Corp. FP5138 Datasheet HTML 14Page - Feeling Technology Corp. FP5138 Datasheet HTML 15Page - Feeling Technology Corp. FP5138 Datasheet HTML 16Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
FP5138
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.62
13/16
C1
R5
499
C3
0.027uF
Q2
NPN 3904
Vin
Q1 Pmos AP2305
2
3
R7
3.3k
C4
330uF
D1
SCD34
R6
3.9k
C6
270pF
R2
10k
R8 4.7k
L1 33uH
Vout +1.8V
C5
0.1uF
Q3
NPN 3904
Vin +3.3V
C2
C
IC1
FP5138B
1
2
3
4
5
6
7
8
FB
SCP
VCC
BR/CTL OUT
GND
OSC
COMP
R4
1k
SW1
ON/OFF Socket
1
2
R1
R3
100
Figure 16 Charge Pump DC-DC Converter Circuit
R16
3k
IC1
FP5138B
1
2
3
4
5
6
7
8
FB
SCP
VCC
BR/CTL OUT
GND
OSC
COMP
Q1 NMOS AN2304
1
D5 SCD34
R2
2.2k
C1 0.1uF
D2
BAT54S/SOT_0
1
Vout1 +9V
SW1
ON/OFF Socket
1
2
C2 0.1uF
C13
100uF
R13 0
R14
1k
L1 33uH
C17
470pF
R8
6.8k
C9
1uF
Q6
NPN 3904
D4
TL431
1
D3
TL431
1
C11
R15
3k 1%
Q2
NPN BEC 3904
C10
0.027uF
R5
30k
Q3
PNP BEC 3906
D1
BAT54S/SOT_0
3
2
C7
0.1uF
R17 4.7k
L2 33uH
C6
1uF
Q1
PMOS AN2305
3
2
R7
2.2k
C5
1uF
R6
5.1k
C14
0.1uF
R3
5.6k
Vout3 +17V
Vout2 -6.8V
R10
5.1k
R4
30k
R12
51k 1%
Vin
C4
1uF
R1
390
C12
220uF/6.3V
C3
1uF
C15
100uF
Q4
NPN 3904
Vin
C16
0.1uF
C8
1uF
R11
R9
300k
Figure 17 Flyback Multi-Output DC-DC Converter Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com