Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CN61C Datasheet(PDF) 5 Page - Shanghai Consonance Electronics Incorporated

Part # CN61C
Description  Low Power Voltage Detector IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONSONANCE [Shanghai Consonance Electronics Incorporated]
Direct Link  http://www.consonance-elec.com/
Logo CONSONANCE - Shanghai Consonance Electronics Incorporated

CN61C Datasheet(HTML) 5 Page - Shanghai Consonance Electronics Incorporated

  CN61C Datasheet HTML 1Page - Shanghai Consonance Electronics Incorporated CN61C Datasheet HTML 2Page - Shanghai Consonance Electronics Incorporated CN61C Datasheet HTML 3Page - Shanghai Consonance Electronics Incorporated CN61C Datasheet HTML 4Page - Shanghai Consonance Electronics Incorporated CN61C Datasheet HTML 5Page - Shanghai Consonance Electronics Incorporated CN61C Datasheet HTML 6Page - Shanghai Consonance Electronics Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CONSONANCE
www.consonance-elec.com
5
REV 1.0
Application Information
Negative-Going VCC Transients
In addition to outputting a low level at RES pin during low power supply, power-down, and brownout
conditions, the CN61C series is relatively immune to short-duration negative-going VCC transients
(glitches). As the magnitude of the transient increases (goes farther below the reset threshold), the
maximum allowable pulse width decreases. Typically, a VCC transient that goes 100mV below the reset
threshold and lasts 10µs or less will not cause a reset pulse. A 0.1µF bypass capacitor mounted as close as
possible to the VCC pin provides additional transient immunity.
Power-on Reset Circuit
The CN61C series with open drain output can be used to generate the power-on reset signal for a
microprocessor, microcontroller or memory, etc. A capacitor should be used between RES pin and GND to
generate a delay with pull-up resistor as shown in Figure 4.
Figure 4
Power-on Reset Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com