Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRD-DM Datasheet(PDF) 3 Page - Sanyou Corporation Limited

Part # SRD-DM
Description  Miniature Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SRD-DM Datasheet(HTML) 3 Page - Sanyou Corporation Limited

  SRD-DM Datasheet HTML 1Page - Sanyou Corporation Limited SRD-DM Datasheet HTML 2Page - Sanyou Corporation Limited SRD-DM Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
SRD
P.C.B. Layout (bottom view)
Wiring Diagram (bottom view)
Outline Dimensions, Wiring Diagram, P.C. Board Layout (unit:mm)
Unless otherwise specified:
If dimension <1mm, tolerance: ±0.2mm;
If dimension 1~5mm, tolerance: ±0.3mm;
If dimension >5mm, tolerance: ±0.4mm.
Note:Extended terminal dimension is dimension
before soldering.
Tolerance of P.C.B. layout
:±0.1mm.
Tolerance of P.C.B. layout
:±0.1mm.
100
10
1
10
100
1000
100
50
10
5
AC(1a)
AC(1c)
DC
28VDC, 250VAC Res.
1a
1c
0
5
10
15
60
50
40
30
20
10
10A
7A
0A
0
80
90
100
110
120
130
Typical Applications
Characteristic Curves
●
●
●
●
Home appliances such as air conditioner, heater, etc.
Automat
Office equipment such as computer, fax machine, etc.
Automatic eletric controlled window, automotive antenna, door lock, etc.
Contact Current(A)
Endurance Curve
Contact Voltage(V)
Max. Switching Power
Percentage of Nominal Coil Voltage
Coil Temp. Rise
0
Disclaimer:
This datasheet is the customers' reference. All the specification are subject to change without notice.
We could not evaluate all the performance and all the parameters for every possible application.Thus the
user should in a right position to choose the suitable product for their own application.If there is any query,
please contact Sanyou for the technical service.However it is the user's responsibility to determine which
product should be used only.
Dongguan Sanyou Electrical appliance Co.,LTD,All rights of Sanyou to reserved



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com