Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0950ETFS Datasheet(PDF) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # P0950ETFS
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

P0950ETFS Datasheet(HTML) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

  P0950ETFS Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. P0950ETFS Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. P0950ETFS Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. P0950ETFS Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
F-14-2
N-Channel Enhancement Mode
Field Effect Transistor
NIKO-SEM
REV 1.0
P0950ETF:TO-220F
P0950ETFS:TO-220FS
Halogen-Free & Lead-Free
ABSOLUTE MAXIMUN RATINGS(TA=25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Drain-Source Voltage
VDS
500
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
2
TC = 25 °C
ID
9
A
TC = 100 °C
5.7
Pulsed Drain Current
1
IDM
36
Avalanche Current
3
IAS
4
Avalanche Energy
3
EAS
80
mJ
Power Dissipation
TC = 25 °C
PD
37
W
TC = 100 °C
15
Operating Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Case
RJC
3.3
°C / W
Junction-to-Ambient
RJA
62.5
°C / W
1Pulse width limited by maximum junction temperature.
2Ensure that the channel temperature does not exceed 150°C.
3V
DD = 50V , L = 10mH ,starting TJ = 25°C.
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250A
500
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250A
2
3
4
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±30V
±100
nA
Gate Voltage Drain Current
IDSS
VDS = 500V, VGS = 0V , TC = 25 °C
1
A
VDS = 400V, VGS = 0V , TC = 100 °C
10
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
500V
0.88Ω
9A
G
D
S
1. GATE
2. DRAIN
3. SOURCE


Similar Part No. - P0950ETFS

ManufacturerPart #DatasheetDescription
logo
Wuxi U-NIKC Semiconduct...
P0950ETFS UNIKC-P0950ETFS Datasheet
545Kb / 6P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - P0950ETFS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com