Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP6272BD Datasheet(PDF) 2 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP6272BD
Description  Current mode PWM power switch chip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP6272BD Datasheet(HTML) 2 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP6272BD Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP6272BD Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP6272BD Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP6272BD Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP6272BD Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TP6272AD/BD
电流模式 PWM 功率开关芯片
V1.0
Shenzhen TPOWER Semiconductor
2
管脚
7
6
1
2
3
GND
DRAIN
NC
FB
HVDD
5
4
DRAIN
CS
DIP7
管脚描述
管脚编号
管脚名称
描述
1
HVDD
芯片电源输入脚
2
FB
芯片反馈脚
3
NC
此管脚悬空
4
CS
峰值电流侦测脚
5、6
DRAIN
功率管漏端
7
GND
芯片地
极限参数(注 1)
参数
额定值
单位
HVDD 到 GND 电压
-0.3~+32
V
FB,CS 到 GND 电压
-0.3~+6
V
DRAIN 到 GND
-0.3~+600
V
功率损耗(注 2)
2
W
储存环境温度
-50~+150
℃
工作结温范围
-40~+150
℃
工作环境温度
-40~+105
℃
ESD 水平(HBM)
2000
V
ESD 水平(MM)
200
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com