Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2003KV Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # P2003KV
Description  Dual P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

P2003KV Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  P2003KV Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. P2003KV Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. P2003KV Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. P2003KV Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dual P-Channel Enhancement Mode
Field Effect Transistor
P2003KV
SOP-8
Halogen-Free & Lead-Free
NIKO-SEM
2
Sep-21-2009
REV 0.9
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = -15V, f = 1MHz
1480
pF
Output Capacitance
Coss
334
Reverse Transfer Capacitance
Crss
231
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
2.9
Ω
Total Gate Charge
2
Qg
VGS= -10V
VDS = 0.5V(BR)DSS, VGS = -10V,
ID = -9A
30
nC
VGS=
-4.5V
15
Gate-Source Charge
2
Qgs
5
Gate-Drain Charge
2
Qgd
6
Turn-On Delay Time
2
td(on)
13
nS
Rise Time
2
tr
VDS = -15V,
8
Turn-Off Delay Time
2
td(off)
ID  -9A, VGS = -10V, RGS = 6Ω
16
Fall Time
2
tf
12
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TA = 25 °C)
Continuous Current
IS
-2
A
Forward Voltage
1
VSD
IF = -9A, VGS = 0V
-1
V
Reverse Recovery Time
trr
IF= -9A, dI/dt=100A/μs
40
nS
Reverse Recovery Charge
Qrr
26
nC
1Pulse test : Pulse Width
 300 sec, Duty Cycle  2%.
2Independent of operating temperature.
REMARK: THE PRODUCT MARKED WITH “P2003KV”, DATE CODE or LOT #



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com