Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6167 Datasheet(PDF) 13 Page - Feeling Technology Corp.

Part # FP6167
Description  Dual 1.5MHz, 1A Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP6167 Datasheet(HTML) 13 Page - Feeling Technology Corp.

Back Button FP6167 Datasheet HTML 6Page - Feeling Technology Corp. FP6167 Datasheet HTML 7Page - Feeling Technology Corp. FP6167 Datasheet HTML 8Page - Feeling Technology Corp. FP6167 Datasheet HTML 9Page - Feeling Technology Corp. FP6167 Datasheet HTML 10Page - Feeling Technology Corp. FP6167 Datasheet HTML 11Page - Feeling Technology Corp. FP6167 Datasheet HTML 12Page - Feeling Technology Corp. FP6167 Datasheet HTML 13Page - Feeling Technology Corp. FP6167 Datasheet HTML 14Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
FP6167
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.67
13/14
ILOAD: 100mA~1A
Ch1:VOUT Ch4: ISW
EN On waveform (VOUT: 2.5V)
Ch1: EN Ch2: SW Ch3: VOUT Ch4: ISW
ILOAD: 200mA~1A
Ch1: VOUT Ch4: ISW
Efficiency (VOUT: 2.5V)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Vcc=2.7V
Vcc=3.6V
Vcc=4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com