Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLADCSLB Datasheet(PDF) 1 Page - Ningbo songle relay co.,ltd

Part # SLADCSLB
Description  Miniature volume, PCB usage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONGLERELAY [Ningbo songle relay co.,ltd]
Direct Link  http://www.songlerelay.com/?l=en
Logo SONGLERELAY - Ningbo songle relay co.,ltd

SLADCSLB Datasheet(HTML) 1 Page - Ningbo songle relay co.,ltd

  SLADCSLB Datasheet HTML 1Page - Ningbo songle relay co.,ltd SLADCSLB Datasheet HTML 2Page - Ningbo songle relay co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
·Miniature volume, PCB usage
Contact rating:16A/20A/30A
·Temperature range: +85℃/+105℃
·
A / B C
100mΩ
Silver alloy:
AgCdO、AgSnO2、AgNi
1HP/16A/120VAC 20A/250VAC 30A/250VAC
250VAC
30A
7200VA
1x10
ops / 1x10 ops
1x10
ops
/
5
7
SLA-12VDC-S L-C
B / F
100MΩ (500VDC)
minute
2000VAC 1
1000VAC 1 minute
≤
10ms
≤
10ms
45%
~85% RH(20℃)
-40℃~+85℃/-40℃~+105℃
98m/s²
980m/s²
10Hz~55Hz 1.5mm
Approx 24g
Sealed
75%Max 10%Min
130%
E179944
C
US
16A/20A/30A
CQC
CQC08002027666
CQC08002027668
R50056114
0.9W
( L )
A / B / C
L0.9W
5V / 6V / 9V /
18V / 24V/36V/48V
12V
4
05
06
09
12
18
24
36
48
185
150
100
75
50
37.5
25
18.75
27
40
90
160
380
640
1440
2560
32MAX
27
.6
M
AX
SUBMINATURE HIGH POWER RELAY 5P
SLA Series
Features
Contact Rating
Ordering Information
Part number
Coil Voltage
Coil Power
Construction
Contact arrangment
S sealed / F dustproof
Contact a rrangment
endurance
Contact resistance
Contact material
Contact rating
Max switching voltage
Max switching current
Max switching power
Electrical endurance
(frequency: 1800 ops/h)
(frequency: 18000 ops/h)
Mechanical
Characteristics
(
20℃)
at
Coil Data
Insulation resistance
Dielectric
Strength
Between contacts
and coil
Between open
contacts
Operate time(Under nominal voltage)
Release time(Under nominal voltage)
Humidity
Ambient Temperature
Shock
resistance
Functional
Destructive
Vibration resistance
( Double amplitude)
Weight
Construction
Leakage current
1mA
Insulation system
Remark:1)All above data is initial value
Voltage
Current Resistance
W
VDC
mA
±10%
Ω
Power
dissipation
Max
allowable
Pick-up
Drop-out
voltage
min
voltage
This product specification only for your reference, we will not notify you if
we do any improvement.We reserve all the right for the final explanation
Tel.:
+86 574 62717777
62762658
62721968
ax
F
:+86 574 62721978
Web:www.songle.com
www.songlerelay.com
Email:sale@songle.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
ip Code
Z
:315400
Web:www.songle.com
www.songlerelay.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
Zip Code:315400


Similar Part No. - SLADCSLB

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
SLAD4.100 PULS-SLAD4.100 Datasheet
173Kb / 4P
AS-Interface DC/DC converter
More results

Similar Description - SLADCSLB

ManufacturerPart #DatasheetDescription
logo
Ningbo songle relay co....
SLC SONGLERELAY-SLC Datasheet
3Mb / 2P
Miniature volume, PCB usage
SLI SONGLERELAY-SLI Datasheet
3Mb / 2P
Miniature volume, PCB usage
SMI-2P SONGLERELAY-SMI-2P Datasheet
3Mb / 2P
Miniature volume, PCB usage
SMIH SONGLERELAY-SMIH Datasheet
3Mb / 2P
Miniature volume, PCB usage
SRC SONGLERELAY-SRC Datasheet
3Mb / 2P
Miniature volume, PCB usage
SRE SONGLERELAY-SRE Datasheet
3Mb / 2P
Miniature volume, PCB usage
SRG SONGLERELAY-SRG Datasheet
3Mb / 2P
Miniature volume, PCB usage
SRSB SONGLERELAY-SRSB Datasheet
3Mb / 2P
Miniature volume, PCB usage
SRSZ SONGLERELAY-SRSZ Datasheet
3Mb / 2P
Miniature volume, PCB usage
SRU SONGLERELAY-SRU Datasheet
3Mb / 2P
Miniature volume, PCB usage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com