Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDA-12DC-1-R-A Datasheet(PDF) 4 Page - Ningbo songle relay co.,ltd

Part # SLDA-12DC-1-R-A
Description  40A switching capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONGLERELAY [Ningbo songle relay co.,ltd]
Direct Link  http://www.songlerelay.com/?l=en
Logo SONGLERELAY - Ningbo songle relay co.,ltd

SLDA-12DC-1-R-A Datasheet(HTML) 4 Page - Ningbo songle relay co.,ltd

  SLDA-12DC-1-R-A Datasheet HTML 1Page - Ningbo songle relay co.,ltd SLDA-12DC-1-R-A Datasheet HTML 2Page - Ningbo songle relay co.,ltd SLDA-12DC-1-R-A Datasheet HTML 3Page - Ningbo songle relay co.,ltd SLDA-12DC-1-R-A Datasheet HTML 4Page - Ningbo songle relay co.,ltd SLDA-12DC-1-R-A Datasheet HTML 5Page - Ningbo songle relay co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
S L D A - 1 2 ( 2 4 ) - 3 - C ( A / B )
OUTLINE DIMENSIONS ,WIRING DIAGRAM
Unit:mm
Normally closed B type
Normally open A type
Conversion C type
This product specification only for your reference, we will not notify you if
we do any improvement.We reserve all the right for the final explanation
30A/40A
SLDA Series
AUTOMOTIVE RELAY
Tolerance:±0.3
Terminal devration tolerance is 0.2mm
Tel.:
+86 574 62717777
62762658
62721968
ax
F
:+86 574 62721978
Web:www.songle.com
www.songlerelay.com
Email:sale@songle.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
ip Code
Z
:315400
Web:www.songle.com
www.songlerelay.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
Zip Code:315400



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com