Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDB Datasheet(PDF) 1 Page - Ningbo songle relay co.,ltd

Part # SLDB
Description  40A switching capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONGLERELAY [Ningbo songle relay co.,ltd]
Direct Link  http://www.songlerelay.com/?l=en
Logo SONGLERELAY - Ningbo songle relay co.,ltd

SLDB Datasheet(HTML) 1 Page - Ningbo songle relay co.,ltd

  SLDB Datasheet HTML 1Page - Ningbo songle relay co.,ltd SLDB Datasheet HTML 2Page - Ningbo songle relay co.,ltd SLDB Datasheet HTML 3Page - Ningbo songle relay co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A /B/C
≤200mV
Silver alloy:
AgCdO、AgSnO2、AgNi
30A/40A 14VDC
50VDC
40A (resistive 14VDC)
1A 6VDC
1x10 ops
1x10 ops
5
7
SLDB-12-1-C
Class B / Class F
100MΩ(500VDC)
550VAC 1minute
550VAC 1minute
≤
10ms
≤
10ms
85% RH(20℃)
-40℃~+125℃
98m/s²
980m/s²
10Hz~55Hz 1.5mm
Approx 30g
Dustproof
12
24
24
90
360
320
70%Max 10%Min
130%
30A/40A
/ 24VDC
12VDC
1. 6
1. 6
1. 8
26M
AX
26M
AX
W
VDC
Ω
±10%
Ω
Ordering Information
Contact Rating
Characteristics
Coil Data
(
20℃)
at
SLDB Series
Features
Part number
Coil Voltage
Contact arrangment
A / B / C
Contact arrangment
endurance
Voltage drop
Contact material
Contact rating
Max switching voltage
Max switching current
Min contact load
Electrical endurance
(frequency: 900 ops/h)
(frequency: 18000 ops/h)
Mechanical
Insulation resistance
Dielectric
Strength
Between contacts
and coil
Between open
contacts
Operate time(Under nominal voltage)
Release time(Under nominal voltage)
Humidity
Ambient Temperature
Shock
resistance
Functional
Destructive
Vibration resistance
( Double amplitude)
Weight
Construction
Insulation system
Remark:1)All above data is initial value
Voltage
Current Resistance
Power
dissipation
Max
allowable
Pick-up
Drop-out
voltage
voltage
This product specification only for your reference, we will not notify you if
we do any improvement.We reserve all the right for the final explanation
·40A switching capability
·Variety of installations
·Dustproof cover type
1.PCB type
2.Plastic bracket, QC terminal
3.Metal
,
Without:
bracket QC terminal
QC terminal
Version
AUTOMOTIVE RELAY
Tel.:
+86 574 62717777
62762658
62721968
ax
F
:+86 574 62721978
Web:www.songle.com
www.songlerelay.com
Email:sale@songle.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
ip Code
Z
:315400
Web:www.songle.com
www.songlerelay.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
Zip Code:315400


Similar Part No. - SLDB

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SLDB051S RECTRON-SLDB051S Datasheet
295Kb / 4P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
SLDB051S RECTRON-SLDB051S_10 Datasheet
201Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
SLDB052S RECTRON-SLDB052S Datasheet
295Kb / 4P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
SLDB053S RECTRON-SLDB053S Datasheet
295Kb / 4P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
SLDB054S RECTRON-SLDB054S Datasheet
295Kb / 4P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Similar Description - SLDB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T92S7D12-12 ETC2-T92S7D12-12 Datasheet
1Mb / 4P
40A, 2 form A (NO) and 2 form C (CO) switching capability
logo
Hongfa Technology
HFE26 HONGFA-HFE26_17 Datasheet
69Kb / 4P
25A, 40A switching capability
HF165FD-G HONGFA-HF165FD-G_17 Datasheet
59Kb / 3P
40A switching capability
logo
Ningbo Tianbo Ganglian ...
HJR-3FF TIANBO-HJR-3FF Datasheet
528Kb / 3P
10A switching capability
logo
Ningbo songle relay co....
SLDA SONGLERELAY-SLDA Datasheet
10Mb / 5P
40A switching capability
SLDCA SONGLERELAY-SLDCA Datasheet
8Mb / 4P
40A switching capability
SLM SONGLERELAY-SLM Datasheet
4Mb / 2P
35A switching capability
logo
Ningbo Tianbo Ganglian ...
HJR-21FF TIANBO-HJR-21FF Datasheet
1Mb / 3P
12A switching capability
TRA1 TIANBO-TRA1 Datasheet
1Mb / 3P
10A switching capability
TRA2 TIANBO-TRA2 Datasheet
1Mb / 3P
16A switching capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com